Electronic Components Datasheet Search
  English  ▼

X  

MD3880 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD3880
Description  4-Channel Low-Noise Amplifi er
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3880 Datasheet(HTML) 3 Page - Supertex, Inc

  MD3880 Datasheet HTML 1Page - Supertex, Inc MD3880 Datasheet HTML 2Page - Supertex, Inc MD3880 Datasheet HTML 3Page - Supertex, Inc MD3880 Datasheet HTML 4Page - Supertex, Inc MD3880 Datasheet HTML 5Page - Supertex, Inc MD3880 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MD3880
Electrical Characteristics
(All typical values are under the condition of T
A= + 25°C, VDD = 2.5V, Load resistance = 1kΩ across the differential outputs, CLOAD = 1pF, fIN = 10MHz, PG0 = 0, PG1
= 0, V
GSC = 2.5V, VCM = 1.25V, GAINLNA = 18.5dB, Single-ended input: RS =
R
IN = 50Ω. RIN is formed by active termination with RFB = 237Ω and CFB, Differential
signal output, unless otherwise noted.)
Low Noise Amplifier
Sym
Parameter
Min
Typ
Max
Units
Conditions
G
LNA
Amplifier gain
-
18.5
-
dB
---
R
IN
Input resistance
-
600
-
kΩ
Without active termination
C
IN
Input capacitance
-
17.5
-
pF
Without active termination
I
BIAS
Input bias current
-
1
-
nA
From ESD leakage
CMRR
Common mode rejection
ratio
-
-65
-
dB
PG0 = PG1 = V
DD, VTGC = 2.0V,
f = 1MHz
V
IN
Input voltage range
-
±210
-
mV
AC-coupled
V
IN-NOISE
Input voltage noise, 5MHz
-
0.74
-
nV/√Hz
Without active termination
I
IN-NOISE
Input current noise
-
0.35
-
pA/√Hz
Without active termination
NF
Noise figure
-
2.3
-
dB
f = 5MHz, without active termination
-
3.7
-
dB
R
S = RIN = 50Ω, f = 5MHz with active
termination
BW
Bandwidth
-
100
-
MHz
Small signal bandwidth
Overall Channel
Sym
Parameter
Min
Typ
Max
Units
Conditions
Gain
Whole channel gain
-
70
-
dB
Without active termination, max. gain
BW
VGA
-3dB bandwidth
-
60
-
MHz
Small signal bandwidth at max. gain
SR
VGA
Slew rate
-
500
-
V/µs
---
VO
VGA
Output signal range
-
4
-
V
PP
RL > 1kΩ differentially
R
OUT
Output Impedance
-
3
-
Ω
f = 5MHz, single ended
I
OUTS
Output short-circuit current
-
±40
-
mA
---
V
IN-NOISE
Input voltage noise
-
0.8
-
nV/√Hz
At max. gain and 5MHz
IMD
Intermodulation distortion,
two-tone
-
-76
-
dBc
1MHz , V
OUT = 1VPP, 30dB gain
-
-70
-
10MHz , V
OUT = 1VPP, 30dB gain
HD3
Third harmonic distortion
-
-73
-
dBc
V
OUT = 1VPP, 1MHz, 30dB gain
--69
-
V
OUT = 1VPP, 10MHz, 30dB gain
-
-55
-
V
OUT = 1VPP, 1MHz, 10dB gain
-
-47
-
V
OUT = 1VPP, 10MHz, 10dB gain
HD2
Second harmonic distortion
-
-87
-
dBc
V
OUT = 1VPP, 1MHz, 30dB gain
-
-70
-
V
OUT = 1VPP, 10MHz, 30dB gain
-
-53
-
V
OUT = 1VPP, 1MHz, 10dB gain
-
-51
-
V
OUT = 1VPP, 10MHz, 10dB gain
A
OUT1dB
1dB compression point
-
-1.3
-
dBm
V
OUT = 1VPP, f= 10MHz, 8dB gain



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com