Electronic Components Datasheet Search
  English  ▼

X  

MD-113 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MD-113
Description  High Performance Double-Balanced Mixer, 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-113 Datasheet(HTML) 1 Page - Tyco Electronics

  MD-113 Datasheet HTML 1Page - Tyco Electronics MD-113 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Double-Balanced
Mixer, 5 - 1000 MHz
FP-2
V 3.00
Features
n
Low Cost Flatpack
n
Conversion Loss: 7 dB Typical
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW max. @ 25°C,
Derated linearly to 85°C @ 3.2 mW/°C
n
IF Port Current: 50 mA Max.
n
MIL-STD-883 Screening Available
Description
Transformers convert the LO and RF paths to balanced
lines connecting to a low barrier, Schottky diode ring quad.
These transformers help provide excellent isolation between
ports. Conversion Loss is low. The direct connection of
the IF port to the diode quad allows these mixers to be used
as phase detectors and bi-phase modulators.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
5 - 1000
DC - 1000
MHz
MHz
—
—
—
—
—
—
Conversion Loss
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
—
—
—
—
—
—
7.5
7.5
8.0
Isolation
LO to RF
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
35
30
25
—
—
—
—
—
—
LO to IF
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
30
25
20
—
—
—
—
—
—
RF to IF
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
25
20
15
—
—
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
RF Input
1 dB Compression
1 dB Desensitization
dBm
dBm
—
—
0
-2
—
—
DC Offset
mV
—
<2
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF


Similar Part No. - MD-113

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MD-100 MEANWELL-MD-100 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
TRIAD MAGNETICS
MD-1000-E TRIAD-MD-1000-E Datasheet
55Kb / 1P
MD-1000-E
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
More results

Similar Description - MD-113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
logo
List of Unclassifed Man...
CM-2H8 ETC-CM-2H8 Datasheet
131Kb / 2P
Miniature High Level Double Balanced Mixer 10-1000 MHz
logo
Tyco Electronics
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
MA4EX900L-MOT MACOM-MA4EX900L-MOT Datasheet
131Kb / 2P
Silicon Double Balanced HMIC Mixer 700 - 1000 MHz
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com