Electronic Components Datasheet Search
  English  ▼

X  

MD-113 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MD-113
Description  High Performance Double-Balanced Mixer, 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-113 Datasheet(HTML) 2 Page - Tyco Electronics

  MD-113 Datasheet HTML 1Page - Tyco Electronics MD-113 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Performance Double-Balanced Mixer, 5 - 1000 MHz
MD-113
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Typical Performance Curves
Conversion Loss (RF = -5 dBm,
LO = +7 dBm)
Isolation
Conversion Loss vs. LO Power
(LO = 1.060 GHz, RF = 1.000 GHz
@ -10 dBm)
Ordering Information
Part Number
Package
MD-113 PIN
FP-2
Electrical Specifications: TA = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
SSB Noise Figure
Within 1 dB of Conversion Loss
Max.
—
—
—
—
—
Typical Two Tone IM
Ratio
With –10 dBm input, each input 25
MHz and 35 MHz IF
100 - 550 MHz
550 - 800 MHz
800 - 1000 MHz
dB
dB
dB
—
—
—
>47
>38
>44
—
—
—
6
7
8
5
10
20
50
100
200
500
1000
Frequency (MHz)
6
7
8
9
10
0
5
10
15
20
LO Power (dBm)
20
30
40
50
5
10
20
50
100
200
500
1000
Frequency (MHz)
LO - RF
LO - IF
RF - IF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com