Electronic Components Datasheet Search
  English  ▼

X  

TEA1069 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 8Page - NXP Semiconductors TEA1069 Datasheet HTML 9Page - NXP Semiconductors TEA1069 Datasheet HTML 10Page - NXP Semiconductors TEA1069 Datasheet HTML 11Page - NXP Semiconductors TEA1069 Datasheet HTML 12Page - NXP Semiconductors TEA1069 Datasheet HTML 13Page - NXP Semiconductors TEA1069 Datasheet HTML 14Page - NXP Semiconductors TEA1069 Datasheet HTML 15Page - NXP Semiconductors TEA1069 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
1998 Jan 08
12
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Table 1
Values of resistor R6 for optimum line-loss compensation at various values of exchange supply voltage
(Vexch) and exchange feeding bridge resistance (Rexch); R9 = 20 Ω
Vexch (V)
R6 (k
Ω)
Rexch = 400 Ω
Rexch = 600 Ω
Rexch = 800 Ω
Rexch = 1000 Ω
36
100
78.7
−−
48
140
110
93.1
82
60
−−
120
102
Fig.9 Variation of gain as function of line current with R6 as parameter.
handbook, full pagewidth
MGD490
6
5.8
4
2
0
∆Gv
(dB)
140
120
100
80
60
40
20
0
78.7 k
Ω
110 k
Ω
140 k
Ω
R6 =
∞
I
(mA)
line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com