| Electronic Components Datasheet Search |
|
TEA1069 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069 Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 44 page ![]() 1998 Jan 08 15 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A Fig.12 Ringer frequency detection. handbook, full pagewidth CE/FDI TONE MBH200 VDD VEE sample time ringer response delay ( <1.5 frequency cycle) sync time In case of a valid ringer signal the user is alerted through a melody at the TONE output, generated by the ringer part of the TEA1069 and TEA1069A. This melody follows the cadence of the ringer signal. Both the melody and the volume can be selected. The melody frequency and duration are given in Table 2. Table 2 Ringer melodies CRADLE SWITCH INPUT: PIN CSI To distinguish among different operating states after CE/FDI is activated, input CSI is used. The basic states are shown in Table 3. Table 3 TEA1069 and TEA1069A basic states NAME FREQUENCY (Hz) DURATION (ms) Bell 1 800 + 1066 + 1333 28 + 28 + 28 Bell 2 826 + 925 + 1027 28 + 28 + 28 Bell 3 1037 + 1161 + 1297 28 + 28 + 28 Bell 4 1297 + 1455 + 1621 28 + 28 + 28 INPUT CSI INPUT CE/FDI STATE LOW LOW standby HIGH LOW not applicable LOW HIGH ringer HIGH HIGH on-line For the hands-free state refer to Fig.23. PULSE DIALLER: PINS DP/FL, MOH/DMO AND MUTE The pulse dialling system uses line current interruptions to signal the digits dialled to the exchange. The number of line current interruptions corresponds with the digit dialled except for the digit [0] which is characterized by 10 interruptions. Before each digit there is an inter-digit pause. Valid keys are the digits [0] to [9] and [PAUSE]. The pulse dialling mode, the make/break ratio and the access pause time depend on the diode options: PTS, M/B, APT and APT2. DP/FL is LOW when VDD is below power-on reset trip level and when RESET is HIGH. The MOH/DMO pin (diode GOS = on) is used to reduce the voltage swing over the a/b terminals during pulse dialling. Several countries require this feature. The MUTE pin is an open drain output which requires a pull-up resistor. MUTE is HIGH when VDD is below power-on reset trip level and when RESET is HIGH. Figure 13 shows the timing diagram in pulse dialling mode when keys [3], [RECALL] and [4] are pressed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |