Electronic Components Datasheet Search
  English  ▼

X  

4953SS Datasheet(PDF) 3 Page - GTM CORPORATION

Part # 4953SS
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

4953SS Datasheet(HTML) 3 Page - GTM CORPORATION

  4953SS Datasheet HTML 1Page - GTM CORPORATION 4953SS Datasheet HTML 2Page - GTM CORPORATION 4953SS Datasheet HTML 3Page - GTM CORPORATION 4953SS Datasheet HTML 4Page - GTM CORPORATION 4953SS Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GSS4953
Page: 3/5
ISSUED DATE :2006/01/19
REVISED DATE :2006/11/09D
Characteristics Curve
Fig 5. Breakdown Voltage
v.s. Junction Temperature
Fig 6. Body Diode Forward Voltage
v.s. Source Current
Fig 1. Typical Output Characteristics
Fig 2. Transfer Characteristics
Fig 3. Transconductance v.s.
Drain Current
Fig 4. On-Resistance v.s.
Junction Temperature
V GS = - 10 V
I D = - 5.0 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com