Electronic Components Datasheet Search
  English  ▼

X  

4953SS Datasheet(PDF) 1 Page - GTM CORPORATION

Part # 4953SS
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

4953SS Datasheet(HTML) 1 Page - GTM CORPORATION

  4953SS Datasheet HTML 1Page - GTM CORPORATION 4953SS Datasheet HTML 2Page - GTM CORPORATION 4953SS Datasheet HTML 3Page - GTM CORPORATION 4953SS Datasheet HTML 4Page - GTM CORPORATION 4953SS Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSS4953
Page: 1/5
ISSUED DATE :2006/01/19
REVISED DATE :2006/11/09D
G
G S
S S
S 44995533
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GSS4953 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited
for low voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±16
V
Continuous Drain Current1
ID @TA=25 :
-5
A
Continuous Drain Current1
ID @TA=70 :
-4
A
Pulsed Drain Current2
IDM
-20
A
Total Power Dissipation1
PD @TA=25 :
2
W
Linear Derating Factor
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient1
Max.
Rthj-amb
62.5
/
: W
BVDSS
-30V
RDS(ON)
53m
ID
-5A
Pb Free Plating Product


Similar Part No. - 4953SS

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
4953 HOTTECH-4953 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
4953 VBSEMI-4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
logo
Dormer Pramet
495331 DORMER-495331 Datasheet
32Kb / 1P
Straight Flute Taps
logo
Shenzhen Tuofeng Semico...
4953B TUOFENG-4953B Datasheet
3Mb / 6P
Dual P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
More results

Similar Description - 4953SS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com