Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 5 Page - Analog Devices

Part # OP196
Description  22 μA, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 5 Page - Analog Devices

  OP196 Datasheet HTML 1Page - Analog Devices OP196 Datasheet HTML 2Page - Analog Devices OP196 Datasheet HTML 3Page - Analog Devices OP196 Datasheet HTML 4Page - Analog Devices OP196 Datasheet HTML 5Page - Analog Devices OP196 Datasheet HTML 6Page - Analog Devices OP196 Datasheet HTML 7Page - Analog Devices OP196 Datasheet HTML 8Page - Analog Devices OP196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. C | Page 5 of 24
ELECTRICAL CHARACTERISTICS—2.7 V OPERATION
VSY = 2.7 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 2.7 V
350
µV
VCM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +85°C
1.2
mV
VCM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +125°C
2.5
mV
VCM = 0 V to 2.7 V, −40°C ≤ TA ≤ +125°C
16
mV
Input Bias Current
IB
1
10
pA
−40°C ≤ TA ≤ +125°C
2.6
nA
Input Offset Current
IOS
20
pA
−40°C ≤ TA ≤ +125°C
5.2
nA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
77
95
dB
VCM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +85°C
69
dB
VCM = 0.3 V to 2.4 V, −40°C ≤ TA ≤ +125°C
62
dB
VCM = 0 V to 2.7 V, −40°C ≤ TA ≤ +125°C
47
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VO = 0.5 V to 2.2 V
95
105
dB
−40°C ≤ TA ≤ +125°C
90
dB
Offset Voltage Drift
ΔVOS/ΔT
2
μV/°C
Input Resistance
RIN
10
GΩ
Input Capacitance, Differential Mode
CINDM
11
pF
Input Capacitance, Common Mode
CINCM
3.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to VCM, −40°C ≤ TA ≤ +125°C
2.69
V
Output Voltage Low
VOL
RL = 100 kΩ to VCM, −40°C ≤ TA ≤ +125°C
10
mV
Short-Circuit Current
ISC
±4
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = 1
20
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 18 V
100
115
dB
−40°C ≤ TA ≤ +125°C
90
dB
Supply Current per Amplifier
ISY
IO = 0 mA
18
22
µA
−40°C ≤ TA ≤ +125°C
34
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 1 MΩ, CL = 10 pF, AV = 1
50
V/ms
Settling Time to 0.1%
ts
VIN = 1 V step, RL = 100 kΩ, CL = 10 pF
20
µs
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 1 MΩ, CL = 10 pF, AV = 1
190
kHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 1 MΩ, CL = 10 pF, AV = 1
55
Degrees
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 1 MΩ, CL = 10 pF, AV = 100
200
kHz
−3 dB Closed-Loop Bandwidth
f−3 dB
VIN = 10 mV p-p, RL = 1 MΩ, CL = 10 pF, AV = 1
245
kHz
Channel Separation
CS
f = 10 kHz, RL = 1 MΩ
95
dB
EMI Rejection Ratio of +IN x
EMIRR
VIN = 100 mVPEAK; f = 400 MHz, 900 MHz,
1800 MHz, 2400 MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
6
µV p-p
Voltage Noise Density
en
f = 1 kHz
60
nV/√Hz
f = 10 kHz
56
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com