Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 15 Page - Analog Devices

Part # OP196
Description  22 μA, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP196 Datasheet HTML 11Page - Analog Devices OP196 Datasheet HTML 12Page - Analog Devices OP196 Datasheet HTML 13Page - Analog Devices OP196 Datasheet HTML 14Page - Analog Devices OP196 Datasheet HTML 15Page - Analog Devices OP196 Datasheet HTML 16Page - Analog Devices OP196 Datasheet HTML 17Page - Analog Devices OP196 Datasheet HTML 18Page - Analog Devices OP196 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. C | Page 15 of 24
0
10
20
30
40
50
60
70
10
100
1000
CAPACITANCE (pF)
VSY = 2.7V
VIN = 10mV p-p
RL = 1MΩ
OS+
OS–
Figure 44. Small Signal Overshoot vs. Load Capacitance
TIME (100µs/DIV)
VSY = ±1.35V
AV = 1
RL = 1MΩ
CL = 100pF
Figure 45. Large Signal Transient Response
TIME (100µs/DIV)
VSY = ±1.35V
AV = 1
RL = 1MΩ
CL = 100pF
Figure 46. Small Signal Transient Response
0
10
20
30
40
50
60
70
10
100
1000
CAPACITANCE (pF)
VSY = 18V
VIN = 10mV p-p
RL = 1MΩ
OS+
OS–
Figure 47. Small Signal Overshoot vs. Load Capacitance
TIME (100µs/DIV)
VSY = ±9V
AV = 1
RL = 1MΩ
CL = 100pF
Figure 48. Large Signal Transient Response
TIME (100µs/DIV)
VSY = ±9V
AV = 1
RL = 1MΩ
CL = 100pF
Figure 49. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com