Electronic Components Datasheet Search
  English  ▼

X  

OP1177 Datasheet(PDF) 11 Page - Analog Devices

Part # OP1177
Description  Micropower RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP1177 Datasheet HTML 7Page - Analog Devices OP1177 Datasheet HTML 8Page - Analog Devices OP1177 Datasheet HTML 9Page - Analog Devices OP1177 Datasheet HTML 10Page - Analog Devices OP1177 Datasheet HTML 11Page - Analog Devices OP1177 Datasheet HTML 12Page - Analog Devices OP1177 Datasheet HTML 13Page - Analog Devices OP1177 Datasheet HTML 14Page - Analog Devices OP1177 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4092-4
Rev. B | Page 11 of 20
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±1.5V
TA = 25°C
Figure 26. CMRR vs. Frequency, 3 V
0
10
20
30
40
50
60
70
80
100
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±5V
TA = 25°C
Figure 27. CMRR vs. Frequency, 10 V
0
10
20
30
40
50
60
70
80
100
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±15V
TA = 25°C
Figure 28. CMRR vs. Frequency, 30 V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±1.5V
TA = 25°C
PSRR+
PSRR–
Figure 29. PSRR vs. Frequency, 3 V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±5V
TA = 25°C
PSRR+
PSRR–
Figure 30. PSRR vs. Frequency, 10 V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4092-4
VSY = ±15V
TA = 25°C
PSRR+
PSRR–
Figure 31. PSRR vs. Frequency, 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com