Electronic Components Datasheet Search
  English  ▼

X  

OP1177 Datasheet(PDF) 14 Page - Analog Devices

Part # OP1177
Description  Micropower RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP1177 Datasheet HTML 10Page - Analog Devices OP1177 Datasheet HTML 11Page - Analog Devices OP1177 Datasheet HTML 12Page - Analog Devices OP1177 Datasheet HTML 13Page - Analog Devices OP1177 Datasheet HTML 14Page - Analog Devices OP1177 Datasheet HTML 15Page - Analog Devices OP1177 Datasheet HTML 16Page - Analog Devices OP1177 Datasheet HTML 17Page - Analog Devices OP1177 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4092-4
Rev. B | Page 14 of 20
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
1
3
6
10
TIME (µs)
2
5
8
4
7
9
ADA4092-4
VSY = ±15V
TA = 25°C
Figure 44. Peak-to-Peak Voltage Noise
0
20
40
60
80
100
120
140
160
180
200
0
4
8
12
16
20
24
28
32
36
VSUPPLY (V)
ADA4092-4
TA = 25°C
Figure 45. Supply Current vs. Supply Voltage
10
100
1000
0.01
0.10
1
10
1000
FREQUENCY (Hz)
100
ADA4092-4
VSY = ±15V
T = 25°C
Figure 46. Voltage Noise Density
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
20
100
1k
10k
50k
FREQUENCY (Hz)
ADA4092-4
VSY = ±1.5V, ±5V, ±15V
TA = 25°C
Figure 47. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com