Electronic Components Datasheet Search
  English  ▼

X  

MIC3289 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3289
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3289 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3289 Datasheet HTML 1Page - Micrel Semiconductor MIC3289 Datasheet HTML 2Page - Micrel Semiconductor MIC3289 Datasheet HTML 3Page - Micrel Semiconductor MIC3289 Datasheet HTML 4Page - Micrel Semiconductor MIC3289 Datasheet HTML 5Page - Micrel Semiconductor MIC3289 Datasheet HTML 6Page - Micrel Semiconductor MIC3289 Datasheet HTML 7Page - Micrel Semiconductor MIC3289 Datasheet HTML 8Page - Micrel Semiconductor MIC3289 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC3289
March 2007
3
M9999-030407
(408) 944-0800
Pin Description
Pin Number
SOT23-6
Pin Number
8-pin MLF
®
Pin Name
Pin Name
6
1
OUT
Output and Over Voltage Protection (output)
5
2
VIN
Supply (Input): 2.5V to 6.5V for internal circuitry.
4
3
DC
See diagrams
5
N/C
No connect (no internal connection to die)
3
6
FB
Feedback (Input): Output voltage sense node. Connect the
cathode of the LED to this pin.
1
7
SW
Switch Node (Input): Internal power BIPOLAR collector.
2
4,8
GND
Ground (Return): Ground.
Pad
GND
Ground (Return): Backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com