Electronic Components Datasheet Search
  English  ▼

X  

MIC3289 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3289
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3289 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3289 Datasheet HTML 1Page - Micrel Semiconductor MIC3289 Datasheet HTML 2Page - Micrel Semiconductor MIC3289 Datasheet HTML 3Page - Micrel Semiconductor MIC3289 Datasheet HTML 4Page - Micrel Semiconductor MIC3289 Datasheet HTML 5Page - Micrel Semiconductor MIC3289 Datasheet HTML 6Page - Micrel Semiconductor MIC3289 Datasheet HTML 7Page - Micrel Semiconductor MIC3289 Datasheet HTML 8Page - Micrel Semiconductor MIC3289 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC3289
March 2007
4
M9999-030407
(408) 944-0800
Absolute Maximum Ratings
(1)
Supply voltage (VIN) .....................................................7.5V
Switch voltage (VSW) ..................................... –0.3V to 27V
Digital Control Voltage (VDC).............................. –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW) ........................................................2A
Ambient Storage Temperature (TS) .........–65
°C to +150°C
ESD Rating, Note 3 ..................................................... 2KV
Operating Ratings
(2)
Supply Voltage (VIN) …………………..…… ..... 2.5V to 6.5V
Output Voltage (VOUT) …………….…...VIN to (VSW(MAX) - 4V)
or VIN to VOVP (for options with over voltage
protection)
Junction Temperature Range (TJ) ……......-40
°C to +125°C
Package Thermal Impedance
θJA 2mm × 2mm MLF
®-8L ..................................93°C/W
θJA TSOT23-6 ..................................................235°C/W
Electrical Characteristics
(4)
TA=25
oC, V
IN = 3.6V, VOUT = 10V, IOUT = 20mA, unless otherwise noted. Bold values indicate -40
°C ≤ TJ ≤ 125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
6.5
V
VUVLO
Under-voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB >500mV
1.4
5
mA
ISD
Shutdown Current (DC pin
low )
VDC = 0V for > 2ms.
0.01
1
µA
VFB
Feedback Voltage
(+/-5%)
237
250
263
mV
IFB
Feedback Input Current
VFB = 250mV
450
nA
Line Regulation
2.5V
≤ VIN ≤ 4.5V
0.5
%
Load Regulation
5mA
≤ IOUT ≤ 20mA
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
VIN = 3.6V
500
750
1200
mA
VDC
DC pin thresholds
High
Low
1.1
0.4
V
DC Pin Hysteresis
20
mV
IDC
DC Pin Current
VDC = 3.6V
5
10
µA
tshutdown
Shutdown Pulse Width
VIN = 2.8V to 5.5V
VDC = Low
1260
µs
tMODE_UP
Count UP mode pulse width
VIN = 2.8V to 5.5V
VDC = Low
100
160
µs
tMODE_DO
WN
Count Down mode pulse
width
VIN = 2.8V to 5.5V
VDC = Low
420
500
µs
tstart_up
Turn-on Delay Time
VIN = 2.8V to 5.5V
140
µs
tprog_low
Programming pulse width
low
VIN = 2.8V to 5.5V
1
32
µs
tprog_high
Programming pulse width
high
VIN = 2.8V to 5.5V
1
32
µs
tdelay
Minimum Delay for mode
change
VIN = 2.8V to 5.5V
VDC = High
140
µs
Tprog_setup
First Pulse Window for
Preprogramming
VIN = 2.8V to 5.5V
35
50
µs
fSW
Oscillator Frequency
1
1.2
1.35
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com