Electronic Components Datasheet Search
  English  ▼

X  

MIC4720BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4720BML
Description  3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4720BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4720BML Datasheet HTML 1Page - Micrel Semiconductor MIC4720BML Datasheet HTML 2Page - Micrel Semiconductor MIC4720BML Datasheet HTML 3Page - Micrel Semiconductor MIC4720BML Datasheet HTML 4Page - Micrel Semiconductor MIC4720BML Datasheet HTML 5Page - Micrel Semiconductor MIC4720BML Datasheet HTML 6Page - Micrel Semiconductor MIC4720BML Datasheet HTML 7Page - Micrel Semiconductor MIC4720BML Datasheet HTML 8Page - Micrel Semiconductor MIC4720BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC4720
May 2007
2
M9999-051707
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Lead Finish
MIC4720YML
Adj.
–40° to +125°C
12-Pin 3x3 MLF
®
Pb-Free
MIC4720YMME
Adj.
–40° to +125°C
10-Pin ePad
MSOP
Pb-Free
Pin Configuration
BIAS
EN
SW
VIN
PGND
SGND
SW
VIN
PGND
PGOOD
5
1
2
3
4
8
FB
NC
67
12
11
10
9
EP
12-Pin 3mm x 3mm MLF
® (ML)
FB
EN
6
5
1
SW
VIN
SGND
BIAS
10 SW
VIN
PGND
PGOOD
9
8
7
2
3
4
10-Pin ePad MSOP (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com