Electronic Components Datasheet Search
  English  ▼

X  

MIC4720BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4720BML
Description  3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4720BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4720BML Datasheet HTML 1Page - Micrel Semiconductor MIC4720BML Datasheet HTML 2Page - Micrel Semiconductor MIC4720BML Datasheet HTML 3Page - Micrel Semiconductor MIC4720BML Datasheet HTML 4Page - Micrel Semiconductor MIC4720BML Datasheet HTML 5Page - Micrel Semiconductor MIC4720BML Datasheet HTML 6Page - Micrel Semiconductor MIC4720BML Datasheet HTML 7Page - Micrel Semiconductor MIC4720BML Datasheet HTML 8Page - Micrel Semiconductor MIC4720BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MIC4720
May 2007
4
M9999-051707
Absolute Maximum Ratings(1)
Supply Voltage (VIN).......................................................+6V
Output Switch Voltage (VSW). .........................................+6V
Output Switch Current (SW).............................................11A
Logic Input Voltage (VEN) .................................. –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
Operating Ratings(2)
Supply voltage (VIN) ..................................... +2.7V to +5.5V
Logic Input Voltage (VEN) ....................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
3mm×3mm MLF-12 (θJA) ...................................60°C/W
3mm×3mm MLF-12 (θJC)...................................10°C/W
10 pin ePad MSOP (θJA)....................................76°C/W
10 pin ePad MSOP (θJC)....................................28°C/W
Electrical Characteristics(3)
VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 × VNOM (not switching)
570
900
µA
Shutdown Current
VEN = 0V
2
10
µA
[Adjustable] Feedback Voltage
± 2% (over temperature) ILOAD = 100mA
0.98
1.02
V
FB pin input current
1
nA
Current Limit
VFB = 0.9 × VNOM
3.5
5
A
Output Voltage Line Regulation
VOUT > 2V; VIN = VOUT+500mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.07
%
Output Voltage Load Regulation
20mA < ILOAD < 2A
0.2
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
Switch ON-Resistance
ISW = 200mA VFB = GND (High Side Switch)
95
200
300
mΩ
Oscillator Frequency
1.8
2.0
2.2
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Hysteresis
50
mV
Enable Input Current
0.1
2.3
µA
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD = 500µA
150
250
Ω
Over-Temperature Shutdown
160
°C
Over-Temperature Hysteresis
25
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com