Electronic Components Datasheet Search
  English  ▼

X  

1241921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1241921
Description  SF-10KP0,06-1,00 - Crimp contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1241921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1241921 Datasheet HTML 1Page - PHOENIX CONTACT 1241921 Datasheet HTML 2Page - PHOENIX CONTACT 1241921 Datasheet HTML 3Page - PHOENIX CONTACT 1241921 Datasheet HTML 4Page - PHOENIX CONTACT 1241921 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Crimp contact, Pin, turned, Single contact, contact diameter: 1 mm, crimp range: 0.06 mm2 ... 1
mm2, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Crimping connection: vibration- and temperature-resistant assembly
•
High tensile strength of the connection
•
Low contact resistance
•
Easy production monitoring
•
Commercial data
Item number
1241921
Packing unit
100 pc
Minimum order quantity
100 pc
Product key
ABREBD
GTIN
4063151459765
Weight per piece (including packing)
0.347 g
Weight per piece (excluding packing)
0.322 g
Country of origin
DE
SF-10KP0,06-1,00 - Crimp contact
1241921
https://www.phoenixcontact.com/us/products/1241921
Aug 20, 2024, 4:57 AM
Page 1 (5)


Similar Part No. - 1241921

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1241921 TEC-1241921 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
More results

Similar Description - 1241921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050147 PHOENIX-1050147 Datasheet
174Kb / 3P
Crimp contact - SF-20KP011
1605631 PHOENIX-1605631 Datasheet
49Kb / 2P
Crimp contact - SF-7NS2000
1605634 PHOENIX-1605634 Datasheet
52Kb / 3P
Crimp contact - SF-7PP2000
1621575 PHOENIX-1621575 Datasheet
152Kb / 3P
Crimp contact - SF-08KP020
1605636 PHOENIX-1605636 Datasheet
52Kb / 3P
Crimp contact - SF-7PS2000
1605639 PHOENIX-1605639 Datasheet
52Kb / 3P
Crimp contact - SF-7QP2000
1621579 PHOENIX-1621579 Datasheet
166Kb / 3P
Crimp contact - SF-20KP021
1607031 PHOENIX-1607031 Datasheet
57Kb / 3P
Crimp contact - SF-10KS320
1607034 PHOENIX-1607034 Datasheet
49Kb / 2P
Crimp contact - SF-20KS350
1607355 PHOENIX-1607355 Datasheet
51Kb / 3P
Crimp contact - SF-10KP004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com