Electronic Components Datasheet Search
  English  ▼

X  

1241921 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1241921
Description  SF-10KP0,06-1,00 - Crimp contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1241921 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1241921 Datasheet HTML 1Page - PHOENIX CONTACT 1241921 Datasheet HTML 2Page - PHOENIX CONTACT 1241921 Datasheet HTML 3Page - PHOENIX CONTACT 1241921 Datasheet HTML 4Page - PHOENIX CONTACT 1241921 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Crimp contact
Contact material type
turned
Data management status
Article revision
01
Connection data
Connection method
Crimp connection
Contact connection type
Pin
Conductor cross section
0.06 mm² ... 1 mm²
Material specifications
Contact surface
Nickel-plated (Ni), with gold coating (Au)
Contact material
CuZn
Dimensions
Mechanical characteristics
Contact diameter
1 mm
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
100
SF-10KP0,06-1,00 - Crimp contact
1241921
https://www.phoenixcontact.com/us/products/1241921
Aug 20, 2024, 4:57 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com