Electronic Components Datasheet Search
  English  ▼

X  

RX-421BD Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # RX-421BD
Description  Excellent Processing Performance and Low Power Consumption to Meet Exacting Thermal Requirements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

RX-421BD Datasheet(HTML) 2 Page - Advanced Micro Devices

  RX-421BD Datasheet HTML 1Page - Advanced Micro Devices RX-421BD Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Multimedia and Display Features
The AMD Embedded R-Series SOC enables stunning video
performance, providing true 4K encode and decode and integrated
support for DirectX® 12, Unified Video Decode (UVD) 6 (4K H.2654
and H.264 decode) and Video Coding Engine (VCE) 3.1 (4K H.264
encode). Up to three displays are supported with options to use the
Embedded DisplayPort (eDP) 1.4, DisplayPort (DP) 1.2, Digital Video
Interface (DVI) or HDMI™ 1.4/2.0 interfaces.
Power, Temperature and Design Versatility
The AMD Embedded R-Series SOC features a configurable thermal
design power (cTDP) capability that enables a programmable TDP range
from 12W to 35W, giving system designers the flexibility to tune power
consumption and thermal profiles to meet their unique requirements.
Standard 0°C to 90°C and, for the first time on an R-Series device,
industrial -40°C to 105°C temperature (iTemp) processors are offered.
Ideally suited for small form factor systems, the AMD Embedded
R-Series SOC occupies a 35% smaller footprint than second-generation
AMD Embedded R-Series APUs.5
Additional Key Benefits
• AMD’s first embedded processor with dual-channel 64-bit DDR4
or DDR3 with Error-Correction Code (ECC), with speeds up to
DDR4-2400 and DDR3-2133, and support for 1.2V DDR4 and
1.5V/1.35V DDR3
• Dedicated AMD Secure Processor supports secure boot with
AMD Hardware Validated Boot (HVB); initiates trusted boot
environment before starting x86 cores
• High-performance Integrated FCH featuring PCIe® Gen3 USB3.0,
SATA3, SD, GPIO, SPI, I2S, I2C, UART
Product Brief: AMD Ryzen™ Embedded R1000 Processor Family
1.
The AMD RX-421BD processor (configured for 15W TDP) scored 2190 and the Intel Core i7-5650U (15W) scored 1384. The score for the RX-421BD (2.1 GHz base, 3.4 GHz boost) was measured using an AMD Gardenia motherboard with
8GB of DDR3-2133 memory, a 250GB Samsung EVO 850 solid state drive (SSD), and graphics driver 15.101.0.0. The score for the Core i7-5650U (2.2 GHz) was measured using a Congatec TC97 module with 8GB of DDR3-1600 memory,
a 250GB Samsung EVO 850 solid state drive (SSD, and graphics driver 10.18.14.4139. Both systems running Windows 8.1 Professional. EMB-134
2.
Comparison is based on the 3DMark11 (Performance) benchmark score of both products. The AMD RX-421BD (35W) processor scored 2720; the RX-427BB (35W) scored 2235. The score for the RX-421BD (2.1 GHz base, 3.4 GHz boost)
was measured using an AMD Gardenia motherboard with 8GB of DDR3-2133 memory, a 250GB Samsung EVO 850 solid state drive (SSD), and graphics driver 15.101.0.0. The score for the RX-427BB (2.7 GHz base, 3.6 GHz boost) was
measured using an AMD Ballina motherboard with 8GB of DDR3-2133 SO-DIMM memory, a Hitachi 256GB HDD, and graphics driver 13.350.0.0. Both systems ran Windows® 8.1 Professional. EMB-133
3.
Comparison is based on performance measured using the EEMBC CoreMark v1.0 MT benchmark. The AMD RX-421BD (35W) processor scored 65693; the RX-427BB (35W) scored 52662. The score for the RX-421BD (2.1 GHz base, 3.4
GHz boost) was measured using an AMD Gardenia motherboard with 8GB of DDR3-2133 memory, a 250GB Samsung EVO 850 solid state drive (SSD) and graphics driver 15.101.0.0. The score for the RX-427BB (2.7 GHz base, 3.6 GHz
boost) was measured using an AMD Ballina motherboard with 8GB of DDR3-2133 SO-DIMM memory, a Hitachi 256GB HDD and graphics driver 13.350.0.0. Both systems ran Windows® 8.1 Professional. EMB-137  
4.
HEVC acceleration is subject to inclusion/installation of compatible HEVC players. GD-81
5.
Merlin Falcon = 1073mm^2. Bald Eagle + Chipset = 928mm^2 + 600.25mm^2 = 1528.25mm^2. Difference = 455.25mm^2 or 35%
The information contained herein is for informational purposes only, and is subject to change without notice. While every precaution has been taken in the preparation of this document, it may contain technical inaccuracies, omissions and
typographical errors, and AMD is under no obligation to update or otherwise correct this information. Advanced Micro Devices, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this
document, and assumes no liability of any kind, including the implied warranties of non-infringement, merchantability or fitness for particular purposes, with respect to the operation or use of AMD hardware, software or other products described
herein. No license, including implied or arising by estoppel, to any intellectual property rights is granted by this document. Terms and limitations applicable to the purchase or use of AMD’s products are as set forth in a signed agreement between
the parties or in AMD's Standard Terms and Conditions of Sale.
© 2020 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD Arrow logo, Radeon, and combinations thereof are a trademark of Advanced Micro Devices, Inc. 3DMark is a registered trademark of Futuremark Corporation. DirectX is a
registered trademark of Microsoft. HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks of HDMI Licensing, LLC in the United States and other countries. PCIe is a registered trademark of PCI-SIG
Corporation. Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies. PID #1732197-B
For more information about the specific features and specifications supported by select products in AMD’s solutions portfolio,
or to learn more about AMD Ryzen™ Embedded R-Series SOC Processor Family, visit
www.amd.com/r-series
AMD.com/r-series
Model Number
OPN
cTDP Range
Radeon™
Branding
# x86
Cores
L2 Cache
(Mbytes)
CPU Clock
GHz (15W
Base)
CPU
Clock
GHz
(Max)
# GPU
Compute
Units
GPU
Clock
MHz
(Max)
Max
DDR3
Rate
Max
DDR4
Rate
Operating
Temp Range
Tj °C
RX-421BD
RE421BAAY43KA
12-35W
R7
4
2
2.1
3.4
8
800
2133
2400
0°C to 90°C
RX-418GD
RE418GAAY43KA
12-35W
R6
4
2
1.8
3.2
6
800
2133
2400
0°C to 90°C
RX-216GD
RE216GAAY23KA
12-15W
R5
2
1
1.6
3.0
4
800
1600
1600
0°C to 90°C
RX-421ND
RE421NAAY43KA
12-35W
-
4
2
2.1
3.4
-
-
2133
2400
0°C to 90°C
RX-216TD
RE216TAAY23KA
12-15W
-
2
1
1.6
3.0
-
-
1600
1600
0°C to 90°C
RX-416GD
RE416GATY43KA
15W
R6
4
2
1.6
2.4
6
576
1600
1600
-40°C to 105°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com