Electronic Components Datasheet Search
  English  ▼

X  

RX-421BD Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # RX-421BD
Description  Excellent Processing Performance and Low Power Consumption to Meet Exacting Thermal Requirements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

RX-421BD Datasheet(HTML) 1 Page - Advanced Micro Devices

  RX-421BD Datasheet HTML 1Page - Advanced Micro Devices RX-421BD Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Overview
The AMD Embedded R-Series SOC (formerly codenamed “Merlin Falcon”)
delivers astonishing graphics and HD multimedia processing performance
– with true 4K decode and encode – via a sophisticated SOC architecture
that integrates up to four of AMD’s latest high-performance “Excavator”
x86 CPU cores with the AMD Radeon™ graphics and an I/O controller all
on a single die. Building on AMD’s established leadership in high-end
graphics, the AMD Embedded R-Series SOC is the highest performance AMD
embedded processor to-date, outperforming select competing processors by
more than 50% when running industry-standard graphics benchmarks.1
For compute-intensive workloads and complex algorithm processing,
the AMD Embedded R-Series SOC enables system designers to leverage
the benefits of 1.0-compliant Heterogeneous System Architecture (HSA)
technology to boost parallel processing performance to new heights.
These performance attributes are complemented with dynamic power
management capabilities and other key benefits, which, together,
distinguish the AMD Embedded R-Series SOC as an ideal fit for the
most exacting embedded applications, spanning electronic gaming
machines, medical imaging, interactive digital signage, media storage,
communications/networking, and beyond.
Built for Speed
The integration of AMD Radeon™ graphics via the third-generation Graphics
Core Next (GCN) architecture enables the AMD Embedded R-Series SOC to
deliver up to 58% more graphics performance than the Intel Core i7-5650U
based on the 3DMark® 11 (Performance) benchmark1, and 22% more graphics
performance than the previous generation AMD Embedded R-Series
RX-427BB processor based on the 3DMark 11 (Performance) benchmark.2
For parallel processing applications, HSA technology balances workloads
between the CPU and GPU allowing for optimal processing performance,
reducing latencies and maximizing access to 2MB of shared L2 cache
memory using Heterogeneous Uniform Memory Access (hUMA) technology.
Additionally, the AMD Embedded R-Series SOC can deliver up to
25% more CPU-intensive performance than the 2nd Generation AMD
Embedded R-Series APU based on compute-intensive industry standard
performance benchmarks.3
Product Brief: AMD Embedded R-Series SOC
Excellent Processing Performance and Low Power
Consumption to Meet ExactingThermal Requirements
Memory
Display Output 1
Display Output 2
Display Output 3
PCIe® Gen 3 x8
PCIe® Gen 2/3 x4
4x-8x USB 2.0
4x USB 3.0
USB 2.0
AMD Secure
Processor
SATA
CPU 3
AMD R-Series
"Merlin Falcon" SoC
Memory
CPU 3
CPU 1
CPU 0
SATA HDD
SD Card
Boot Flash
SD
SPI
USB 3.0
AMD Embedded R-Series SOC


Similar Part No. - RX-421BD

ManufacturerPart #DatasheetDescription
logo
Epson Company
RX-4035 EPSON-RX-4035 Datasheet
269Kb / 2P
REAL TIME CLOCK MODULE (SPI-Bus)
RX-4035SA EPSON-RX-4035SA Datasheet
269Kb / 2P
REAL TIME CLOCK MODULE (SPI-Bus)
RX-4045 EPSON-RX-4045 Datasheet
262Kb / 2P
REAL TIME CLOCK MODULE (SPI-Bus)
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
4-wire serial interface high-stability RTC module
logo
Epson ToYoCom
RX-4045SA EPSONTOYOCOM-RX-4045SA Datasheet
397Kb / 2P
High-Stability Frequency SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results

Similar Description - RX-421BD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
logo
TEMEX
RSX-5 TEMEX-RSX-5 Datasheet
477Kb / 5P
Excellent shock and vibration performance
RSX-8 TEMEX-RSX-8 Datasheet
1Mb / 10P
Excellent shock and vibration performance
RSX-10 TEMEX-RSX-10 Datasheet
551Kb / 5P
Excellent shock and vibration performance
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
Excellent thermal performance
logo
SunLED Corporation
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
Low power consumption and thermal resistance
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
Low power consumption and thermal resistance
logo
Delta Electronics, Inc.
IPM04C0A0R DELTA-IPM04C0A0R Datasheet
741Kb / 15P
Copper pad to provide excellent thermal performance
logo
Ningbo songle relay co....
SLB SONGLERELAY-SLB Datasheet
5Mb / 3P
Low coil power consumption with excellent performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com