Electronic Components Datasheet Search
  English  ▼

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
1
100
10
FREQUENCY (MHz)
–7
–5
–6
–3
–4
–1
–2
1
0
VS = ±5V
RL = 150Ω
VOUT = 0.1V p-p
G = –1
G = +2
G = +10
Figure 6. Small-Signal Frequency Response for Various Gains
–6
–5
–4
–3
–2
–1
0
1
1
100
10
300
FREQUENCY (MHz)
VS = ±5V
G = +1
VOUT = 0.1V p-p
RL = 150Ω
RL = 1kΩ
Figure 7. Small-Signal Frequency Response for Various Loads
1
100
10
300
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
G = +1
RL = 150Ω
VOUT = 0.1V p-p
VS = +5V
VS = ±5V
Figure 8. Small-Signal Frequency Response for Various Supplies
1
100
10
300
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
4
3
G = +1
VS = 5V
RL = 1kΩ
VOUT = 0.1V p-p
10pF
5pF
0pF
Figure 9. Small-Signal Frequency Response for Various Capacitive Loads
–6
–5
–4
–3
–2
–1
0
1
1
100
10
FREQUENCY (MHz)
–40
°C
+25
°C
+85
°C
+125
°C
VS = ±5V
G = +1
VOUT = 0.1V p-p
300
Figure 10. Small-Signal Frequency Response for Various Temperatures
1
100
10
FREQUENCY (MHz)
–7
–5
–6
–3
–4
–1
–2
1
0
VS = ±5V
RL = 150Ω
VOUT = 1V p-p
G = +10
G = –1
G = +2
Figure 11. Large-Signal Frequency Response for Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com