Electronic Components Datasheet Search
  English  ▼

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 21Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 22Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 23Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 21 of 24
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 50. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model 1, 2
Temperature Range
Package Description
Package Option
Branding
ADA4851-1YRJZ-R2
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-1YRJZ-RL
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-1YRJZ-RL7
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-1WYRJZ-R7
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
H1Z
ADA4851-2YRMZ
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-2YRMZ-RL
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-2YRMZ-RL7
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-2WYRMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
H1Y
ADA4851-4YRUZ
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-4YRUZ-RL
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-4YRUZ-RL7
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-4WYRUZ-R7
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-1YRJ-EBZ
6-Lead SOT-23 Evaluation Board
ADA4851-2YRM-EBZ
8-Lead MSOP Evaluation Board
ADA4851-4YRU-EBZ
14-Lead TSSOP Evaluation Board
1 Z = RoHS Compliant Part.
2 W = qualified for automotive applications.
AUTOMOTIVE PRODUCTS
The ADA4851-1W/ADA4851-2W/ADA4851-4W models are available with controlled manufacturing to support the quality and
reliability requirements of automotive applications. Note that these automotive models may have specifications that differ from the
commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade
products shown are available for use in automotive applications. Contact your local Analog Devices, Inc., account representative for
specific product ordering information and to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com