Electronic Components Datasheet Search
  English  ▼

X  

LTC1152 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1152
Description  Zero-Drift Operational Amplifiers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1152 Datasheet(HTML) 4 Page - Analog Devices

  LTC1152 Datasheet HTML 1Page - Analog Devices LTC1152 Datasheet HTML 2Page - Analog Devices LTC1152 Datasheet HTML 3Page - Analog Devices LTC1152 Datasheet HTML 4Page - Analog Devices LTC1152 Datasheet HTML 5Page - Analog Devices LTC1152 Datasheet HTML 6Page - Analog Devices LTC1152 Datasheet HTML 7Page - Analog Devices LTC1152 Datasheet HTML 8Page - Analog Devices LTC1152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2050/LTC2050HV
4
Rev. F
For more information www.analog.com
PARAMETER
CONDITIONS
C, I SUFFIXES
H, MP SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
(Note 2)
±0.5
±3
±0.5
±3
µV
Average Input Offset Drift
(Note 2)
LTC2050HVMP
l
l
±0.03
±0.05
±0.10
µV/°C
µV/°C
Long-Term Offset Drift
50
50
nV/√mo
Input Bias Current
LTC2050
l
±75
±150
±300
±75
±150
±4000
pA
pA
LTC2050HV
l
±7
±50
±150
±7
±50
±4000
pA
pA
LTC2050HVMP
l
±7
±50
±8000
pA
pA
Input Offset Current
LTC2050
l
±300
±400
±300
±1000
pA
pA
LTC2050HV
l
±100
±200
±100
±1000
pA
pA
LTC2050HVMP
l
±2000
pA
Input Noise Voltage
RS = 100Ω, 0.01Hz to 10Hz
1.5
1.5
µVP-P
Common Mode Rejection Ratio
LTC2050/LTC2050HV
VCM = GND to (V+ – 1.3)
VCM = GND to (V+ – 1.3)
l
120
115
130
130
120
110
130
130
dB
dB
LTC2050HVMP
VCM = GND to (V+ – 1.3)
l
107
130
dB
Power Supply Rejection Ratio
VS = 2.7V to 6V
l
120
115
130
130
120
115
130
130
dB
dB
LTC2050HVMP
VS = 4.5V to 11V
l
117
112
130
130
dB
dB
Large-Signal Voltage Gain
RL = 10k
l
125
120
140
140
125
115
140
140
dB
dB
Output Voltage Swing High
RL = 2k to GND
RL = 10k to GND
l
l
4.85
4.95
4.94
4.98
4.85
4.95
4.94
4.98
V
V
Output Voltage Swing Low
RL = 2k to GND
RL = 10k to GND
l
l
1
1
10
10
1
1
10
10
mV
mV
Slew Rate
2
2
V/µs
Gain Bandwidth Product
3
3
MHz
Supply Current
VSHDN = VIH, No Load
VSHDN = VIL
l
l
0.8
1.2
15
0.8
1.3
15
mA
µA
Shutdown Pin Input Low Voltage (VIL)
l
V– + 0.5
V– + 0.5
V
Shutdown Pin Input High Voltage (VIH)
l
V+ – 0.5
V+ – 0.5
V
Shutdown Pin Input Current
VSHDN = GND
l
–0.5
–7
–0.5
–7
µA
Internal Sampling Frequency
7.5
7.5
kHz
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (LTC2050/LTC2050HV) VS = 5V unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com