Electronic Components Datasheet Search
  English  ▼

X  

LTC1152 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1152
Description  Zero-Drift Operational Amplifiers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1152 Datasheet(HTML) 3 Page - Analog Devices

  LTC1152 Datasheet HTML 1Page - Analog Devices LTC1152 Datasheet HTML 2Page - Analog Devices LTC1152 Datasheet HTML 3Page - Analog Devices LTC1152 Datasheet HTML 4Page - Analog Devices LTC1152 Datasheet HTML 5Page - Analog Devices LTC1152 Datasheet HTML 6Page - Analog Devices LTC1152 Datasheet HTML 7Page - Analog Devices LTC1152 Datasheet HTML 8Page - Analog Devices LTC1152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2050/LTC2050HV
3
Rev. F
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC2050HVIS8#PBF
LTC2050HVIS8#TRPBF
050HVI
8-Lead Plastic SO
–40°C to 85°C
AUTOMOTIVE PRODUCTS**
LTC2050HVMPS6#WPBF
LTC2050HVMPS6#WTRPBF LTHGP
6-Lead Plastic TSOT-23
–55°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your local
Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
(Note 2)
±0.5
±3
±0.5
±3
µV
Average Input Offset Drift
(Note 2)
l
±0.03
±0.05
µV/°C
Long-Term Offset Drift
50
50
nV/√mo
Input Bias Current
LTC2050
l
±20
±75
±300
±20
±75
±4000
pA
pA
LTC2050HV
l
±1
±50
±100
±1
±50
±4000
pA
pA
Input Offset Current
LTC2050
l
±150
±200
±150
±1000
pA
pA
LTC2050HV
l
±100
±150
±100
±1000
pA
pA
Input Noise Voltage
RS = 100Ω, 0.01Hz to 10Hz
1.5
1.5
µVP-P
Input Capacitance
1.7
1.7
pF
Common Mode Rejection Ratio
LTC2050/LTC2050HV
VCM = GND to (V+ – 1.3)
VCM = GND to (V+ – 1.3)
l
115
110
130
130
115
110
130
130
dB
dB
Power Supply Rejection Ratio
VS = 2.7V to 6V
l
120
115
130
130
120
115
130
130
dB
dB
Large-Signal Voltage Gain
RL = 10k
l
120
115
140
140
120
115
140
140
dB
dB
Output Voltage Swing High
RL = 2k to GND
RL = 10k to GND
l
l
2.85
2.95
2.94
2.98
2.85
2.95
2.94
2.98
V
V
Output Voltage Swing Low
RL = 2k to GND
RL = 10k to GND
l
l
1
1
10
10
1
1
10
10
mV
mV
Slew Rate
2
2
V/µs
Gain Bandwidth Product
3
3
MHz
Supply Current
VSHDN = VIH, No Load
VSHDN = VIL
l
l
0.75
1.1
10
0.75
1.2
10
mA
µA
Shutdown Pin Input Low Voltage (VIL)
l
V– + 0.5
V– + 0.5
V
Shutdown Pin Input High Voltage (VIH)
l
V+ – 0.5
V+ – 0.5
V
Shutdown Pin Input Current
VSHDN = GND
l
–0.5
–3
–0.5
–3
µA
Internal Sampling Frequency
7.5
7.5
kHz
(LTC2050/LTC2050HV) The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com