Electronic Components Datasheet Search
  English  ▼

X  

OP281GSZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP281GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP281GSZ Datasheet(HTML) 5 Page - Analog Devices

  OP281GSZ Datasheet HTML 1Page - Analog Devices OP281GSZ Datasheet HTML 2Page - Analog Devices OP281GSZ Datasheet HTML 3Page - Analog Devices OP281GSZ Datasheet HTML 4Page - Analog Devices OP281GSZ Datasheet HTML 5Page - Analog Devices OP281GSZ Datasheet HTML 6Page - Analog Devices OP281GSZ Datasheet HTML 7Page - Analog Devices OP281GSZ Datasheet HTML 8Page - Analog Devices OP281GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OP281/OP481
Rev. D | Page 5 of 20
VS = ±5.0 V, TA = +25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage1
VOS
0.1
1.5
mV
–40°C ≤ TA ≤ +85°C
2.5
mV
Input Bias Current
IB
–40°C ≤ TA ≤ +85°C
3
10
nA
Input Offset Current
IOS
–40°C ≤ TA ≤ +85°C
0.1
7
nA
Input Voltage Range
–5
+4
V
Common-Mode Rejection
CMRR
VCM = –5.0 V to +4.0 V, –40°C ≤ TA ≤ +85°C
65
95
dB
Large-Signal Voltage Gain
AVO
RL = 1 MΩ, VO = ±4.0 V,
5
13
V/mV
–40°C ≤ TA ≤ +85°C
2
V/mV
Offset Voltage Drift
ΔVOS/ΔT
–40°C to +85°C
10
μV/°C
Bias Current Drift
ΔIB/ΔT
20
pA/°C
Offset Current Drift
ΔIOS/ΔT
2
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 100 kΩ to GND, –40°C ≤ TA ≤ +85°C
±4.925
±4.98
V
Short-Circuit Limit
ISC
12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.35 V to ±6 V, –40°C ≤ TA ≤ +85°C
76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3.3
5
μA
–40°C ≤ TA ≤ +85°C
6
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 50 pF
28
V/ms
Gain Bandwidth Product
GBP
105
kHz
Phase Margin
φM
75
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
μV p-p
Voltage Noise Density
en
f = 1 kHz
85
nV/√Hz
f = 10 kHz
75
nV/√Hz
Current Noise Density
in
<1
pA/√Hz
1 VOS is tested under a no load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com