Electronic Components Datasheet Search
  English  ▼

X  

OP281GSZ Datasheet(PDF) 18 Page - Analog Devices

Part # OP281GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP281GSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button OP281GSZ Datasheet HTML 12Page - Analog Devices OP281GSZ Datasheet HTML 13Page - Analog Devices OP281GSZ Datasheet HTML 14Page - Analog Devices OP281GSZ Datasheet HTML 15Page - Analog Devices OP281GSZ Datasheet HTML 16Page - Analog Devices OP281GSZ Datasheet HTML 17Page - Analog Devices OP281GSZ Datasheet HTML 18Page - Analog Devices OP281GSZ Datasheet HTML 19Page - Analog Devices OP281GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP281/OP481
Rev. D | Page 18 of 20
8
5
4
1
PIN 1
0.65 BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
0.20
0.09
8°
0°
6.40 BSC
4.50
4.40
4.30
3.10
3.00
2.90
COPLANARITY
0.10
0.75
0.60
0.45
COMPLIANT TO JEDEC STANDARDS MO-153-AA
Figure 48. 8-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-8)
Dimensions shown in millimeters
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
Figure 49. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP281GRU-REEL
–40°C to +85°C
8-Lead TSSOP
RU-8
OP281GRUZ-REEL1
–40°C to +85°C
8-Lead TSSOP
RU-8
OP281GS
–40°C to +85°C
8-Lead SOIC_N
R-8
OP281GS-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
OP281GS-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
OP281GSZ1
–40°C to +85°C
8-Lead SOIC_N
R-8
OP281GSZ-REEL1
–40°C to +85°C
8-Lead SOIC_N
R-8
OP281GSZ-REEL71
–40°C to +85°C
8-Lead SOIC_N
R-8
OP481GRU-REEL
–40°C to +85°C
14-Lead TSSOP
RU-14
OP481GRUZ-REEL1
–40°C to +85°C
14-Lead TSSOP
RU-14
OP481GS
–40°C to +85°C
14-Lead SOIC_N
R-14
OP481GS-REEL
–40°C to +85°C
14-Lead SOIC_N
R-14
OP481GS-REEL7
–40°C to +85°C
14-Lead SOIC_N
R-14
OP481GSZ1
–40°C to +85°C
14-Lead SOIC_N
R-14
OP481GSZ-REEL1
–40°C to +85°C
14-Lead SOIC_N
R-14
OP481GSZ-REEL71
–40°C to +85°C
14-Lead SOIC_N
R-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com