Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6248
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6248 Datasheet HTML 9Page - Analog Devices LTC6248 Datasheet HTML 10Page - Analog Devices LTC6248 Datasheet HTML 11Page - Analog Devices LTC6248 Datasheet HTML 12Page - Analog Devices LTC6248 Datasheet HTML 13Page - Analog Devices LTC6248 Datasheet HTML 14Page - Analog Devices LTC6248 Datasheet HTML 15Page - Analog Devices LTC6248 Datasheet HTML 16Page - Analog Devices LTC6248 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC6228/LTC6229
13
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
Open Loop Gain and Phase vs
Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Slew Rate vs Temperature
Series Output Resistor vs
Capacitive Load, AV = 1
Series Output Resistor vs
Capacitive Load, AV = 2
RL = 1kΩ TO HALF SUPPLY
TA = 25 °C
VCM = HALF SUPPLY
GAIN BANDWIDTH
PRODUCT
PHASE MARGIN
TOTAL SUPPLY VOLTAGE (V)
2.80
4.29
5.78
7.27
8.77 10.26 11.75
820
830
840
850
860
870
880
890
900
910
920
45
47
48
50
51
53
54
56
57
59
60
6228 G29
GAIN
BANDWIDTH
PHASE MARGIN
RL = 1kΩ
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
700
730
760
790
820
850
880
910
940
970
1000
10
15
20
25
30
35
40
45
50
55
60
6228 G30
VS = ±5V
VS = ±2.5V
VS = ±1.5V
VS = ±5 V
AV = 1
AV = 10
AV = 2
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
0.01
0.1
1
10
80
6228 G31
VS = ±5V
TA = 25°C
FREQUENCY (Hz)
100k
1M
10M
100M
500M
0
10
20
30
40
50
60
70
80
90
100
110
6228 G32
VS = ±5V
VCM = 0V
TA = 25°C
PSRR+
PSRR–
FREQUENCY (Hz)
100
1k
10k 100k 1M 10M 100M
–10
10
30
50
70
90
110
130
6228 G33
AV = 4, RL=1kΩ
SLEW RATE MEASURED AT
MIDDLE 2/3 OF OUTPUT
RISING
FALLING
RISING
FALLING
RISING
VS = ±5V, VOUT = 8VP-P
VS = ±2.5V, VOUT = 4VP-P
VS = ±1.5V, VOUT = 2VP-P
FALLING
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
100
200
300
400
500
600
700
6228 G34
RS
VIN
VOUT
CL
1kΩ
RS = 20Ω
RS = 50Ω
RS = 10Ω
VS = ±5V
CAPACITIVE LOAD (pF)
10
100
1000
10000
5
10
15
20
25
30
35
40
45
50
55
6228 G35
RS
VIN
VOUT
CL
C1
1kΩ
301
301
CAPACITIVE LOAD (pF)
10
100
1000
10000
0
15
30
45
60
75
90
105
120
135
150
6228 G36
RS = 10Ω, CF = 0pF
RS = 20Ω, CF = 0pF
RS = 50Ω, CF = 0pF
RS = 10Ω, CF = 2.7pF
RS = 20Ω, CF = 2.7pF
RS = 50Ω, CF = 2.7pF
VS = ±5V
VS = ±5V
TA = 25 °C
RL = 1kΩ
Gain
Phase
FREQUENCY (Hz)
500k1M
10M
100M
1G
–5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
vs Frequency
Open Loop Gain and Phase
6228 G28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com