Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6248
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248 Datasheet(HTML) 3 Page - Analog Devices

  LTC6248 Datasheet HTML 1Page - Analog Devices LTC6248 Datasheet HTML 2Page - Analog Devices LTC6248 Datasheet HTML 3Page - Analog Devices LTC6248 Datasheet HTML 4Page - Analog Devices LTC6248 Datasheet HTML 5Page - Analog Devices LTC6248 Datasheet HTML 6Page - Analog Devices LTC6248 Datasheet HTML 7Page - Analog Devices LTC6248 Datasheet HTML 8Page - Analog Devices LTC6248 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC6228/LTC6229
3
Rev. B
For more information www.analog.com
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V,VCM = 0V, VSHDN = floating unless otherwise noted.
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS (VS = ±5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
–95
–250
20
95
250
μV
μV
∆VOS
Input Offset Voltage Match (LTC6229)
l
–140
–400
18
140
400
µV
µV
TCVOS
Input Offset Voltage Drift
l
0.4
μV/°C
IB
Input Bias Current (Note 6)
Bias Cancellation Disabled
l
–40
–44
–16
μA
μA
Bias Cancellation Enabled
l
–2.5
–4.1
0.6
2.5
4.1
μA
μA
∆IB
Input Bias Current Match (LTC6229)
Bias Cancellation Disabled
l
–2
–3
0.3
2
3
µA
µA
Bias Cancellation Enabled
l
–3
–4
0.3
3
4
µA
µA
IOS
Input Offset Current
Bias Cancellation Disabled
l
–0.55
–0.8
0.1
0.55
0.8
μA
μA
Bias Cancellation Enabled
l
–0.9
–1
0.1
0.9
1
μA
μA
∆IOS
Input Offset Current Match (LTC6229)
Bias Cancellation Disabled
l
–1
–1.4
0.15
1
1.4
µA
µA
Bias Cancellation Enabled
l
–1.3
–1.6
0.25
1.3
1.6
µA
µA
en
Input Noise Voltage Spectral Density
f = 1MHz
0.88
nV/√Hz
Integrated 1/f Noise
0.1Hz to 10Hz
0.94
μVP-P
in
Input Current Noise Spectral Density
f = 1MHz Bias Cancellation Disabled
f = 1MHz Bias Cancellation Enabled
3
6.3
pA/√Hz
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
3.5
1.5
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
2.6
4
kΩ
MΩ
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6228IS6#TRMPBF
LTC6228IS6#TRPBF
LTHGB
6-Lead TSOT-23
–40°C to 85°C
LTC6228HS6#TRMPBF
LTC6228HS6#TRPBF
LTHGB
6-Lead TSOT-23
–40ºC to 125°C
LTC6228IDC#TRMPBF
LTC6228IDC#TRPBF
LHGC
6-Lead 2mm × 2mm DFN
–40°C to 85°C
LTC6228HDC#TRMPBF
LTC6228HDC#TRPBF
LHGC
6-Lead 2mm × 2mm DFN
–40ºC to 125°C
LTC6228IS8#TRMPBF
LTC6228IS8#TRPBF
6228
8-Lead SOIC-8
–40°C to 85°C
LTC6228HS8#TRMPBF
LTC6228HS8#TRPBF
6228
8-Lead SOIC-8
–40ºC to 125°C
LTC6229IMS8E#PBF
LTC6229IMS8E#TRPBF
LTGHD
8-Lead MSOP
–40ºC to 85°C
LTC6229HMS8E#PBF
LTC6229HMS8E#TRPBF
LTGHD
8-Lead MSOP
–40ºC to 125°C
LTC6229IDD#PBF
LTC6229IDD#TRPBF
LHGF
10-Lead 3mm × 3mm DFN
–40ºC to 85°C
LTC6229HDD#PBF
LTC6229HDD#TRPBF
LHGF
10-Lead 3mm × 3mm DFN
–40ºC to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com