Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1992
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices LTC1992 Datasheet HTML 12Page - Analog Devices LTC1992 Datasheet HTML 13Page - Analog Devices LTC1992 Datasheet HTML 14Page - Analog Devices LTC1992 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LTC6363 Family
11
Rev. C
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: Absolute Maximum input voltage for the LTC6363-0.5/LTC6363-1/
LTC6363-2 is conservatively calculated assuming the worst case output
voltage. For details on this calculation refer to the Input Pin Protection section.
Note 3: In the LTC6363, if input pins (+IN, –IN, VOCM and SHDN) must
exceed either supply voltage, the input current must be limited to less than
10mA. Additionally, if the differential input voltage exceeds 1.4V, the input
current must be limited to less than 10mA. In the LTC6363-0.5/LTC6363-1/
LTC6363-2 versions, the same limits apply to VOCM, SHDN and the internal
amplifier’s inputs. Please see the Input Common Mode Voltage Range and
Input Pin Protection sections for additional details on calculating the input
voltages on the internal amplifier’s inputs while in a feedback configuration.
Note 4: A heat sink may be required to keep the junction temperature below
the absolute maximum rating when the output is shorted indefinitely.
Note 5: The LTC6363I and LTC6363I-0.5/LTC6363I-1/LTC6363I-2 are
guaranteed functional over the operating temperature range of –40°C
to 85°C. The LTC6363H and LTC6363H-0.5/LTC6363H-1/LTC6363H-2
are guaranteed functional over the operating temperature range of
–40°C to 125°C.
Note 6: The LTC6363I and LTC6363I-0.5/LTC6363I-1/LTC6363I-2 are
guaranteed to meet specified performance from –40°C to 85°C. The
LTC6363H and LTC6363H-0.5/LTC6363H-1/LTC6363H-2 are guaranteed
to meet specified performance from –40°C to 125°C.
Note 7: Differential offset voltage, differential offset voltage drift, and
PSRR are referred to the internal amplifier’s input (summing junction)
to allow for direct comparison of gain blocks with discrete amplifiers.
CMRRI, CMRRIO and voltage noise are referenced to the LTC6363-0.5,
LTC6363-1 and LTC6363-2's input pins. Refer to the Test Circuits section
for more details.
Note 8: Maximum differential offset voltage drift, input offset current drift
and differential gain drift are determined by sampling typical parts. Drift is
not guaranteed by test or QA sampled at this value.
Note 9: Input common mode range is tested by verifying that at the limits
stated in the Electrical Characteristics table, the differential offset (VOSDIFF)
and common mode offset (VOSCM) have not deviated by more than
±200µV and ±10mV respectively compared to the VICM = 5V (at VS = 10V),
VICM = 2.5V (at VS = 5V) and VICM = 1.5V (at VS = 3V) cases.
Output common mode range is tested by verifying that at the limits stated
in the Electrical Characteristics table, the common mode offset (VOSCM) has
not deviated by more than ±15mV compared to the VOCM = 5V (at VS = 10V),
VOCM = 2.5V (at VS = 5V) and VOCM = 1.5V (at VS = 3V) cases.
Note 10: Input bias current is defined as the average of the input currents
flowing into the input pins (–IN and +IN). Input Offset current is defined as
the difference between the input bias currents (IOS = IB+ – IB–).
Note 11: Full power bandwidth is calculated from the slew rate.
FPBW = SR/(2 • π • VP)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com