Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1992
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 3 Page - Analog Devices

  LTC1992 Datasheet HTML 1Page - Analog Devices LTC1992 Datasheet HTML 2Page - Analog Devices LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LTC6363 Family
3
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS Complete LTC6363 Family. The
l
denotes the specifications which apply
over the full operating temperature range, otherwise specifications and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM =
VOCM = VICM = 5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6363IMS8#PBF
LTC6363IMS8#TRPBF
LTGSQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC6363HMS8#PBF
LTC6363HMS8#TRPBF
LTGSQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6363IMS8-0.5#PBF
LTC6363IMS8-0.5#TRPBF LTGST
8-Lead Plastic MSOP
–40°C to 85°C
LTC6363HMS8-0.5#PBF
LTC6363HMS8-0.5#TRPBF LTGST
8-Lead Plastic MSOP
–40°C to 125°C
LTC6363IMS8-1#PBF
LTC6363IMS8-1#TRPBF
LTGSR
8-Lead Plastic MSOP
–40°C to 85°C
LTC6363HMS8-1#PBF
LTC6363HMS8-1#TRPBF
LTGSR
8-Lead Plastic MSOP
–40°C to 125°C
LTC6363IMS8-2#PBF
LTC6363IMS8-2#TRPBF
LTGSS
8-Lead Plastic MSOP
–40°C to 85°C
LTC6363HMS8-2#PBF
LTC6363HMS8-2#TRPBF
LTGSS
8-Lead Plastic MSOP
–40°C to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR (Note 7)
Differential Power Supply Rejection
(∆VS/∆VOSDIFF)
VS = 2.8V to 11V
l
90
125
dB
PSRRCM (Note 7)
Output Common Mode Power Supply Rejection
(∆VS/∆VOSCM)
VS = 2.8V to 11V
l
70
90
dB
GCM
Common Mode Gain (∆VOUTCM/∆VOCM)
VS = 3V, VOCM from 0.5V to 2.5V
VS = 5V, VOCM from 0.5V to 4.5V
VS = 10V, VOCM from 0.5V to 9.5V
l
l
l
1
1
1
V/V
V/V
V/V
∆GCM
Common Mode Gain Error 100 • (GCM – 1)
VS = 3V, VOCM from 0.5V to 2.5V
VS = 5V, VOCM from 0.5V to 4.5V
VS = 10V, VOCM from 0.5V to 9.5V
l
l
l
0.2
0.1
0.07
1
0.5
0.4
%
%
%
BAL
Output Balance (∆VOUTCM/∆VOUTDIFF)
∆VOUTDIFF = 2V
Single-Ended Input
Differential Input
l
l
–58
–58
–35
–35
dB
dB
VOSCM
Common Mode Offset Voltage
(VOUTCM – VOCM)
VS = 3V
VS = 5V
VS = 10V
l
l
l
±1
±1
±1
±6
±6
±6
mV
mV
mV
∆VOSCM/∆T
Common Mode Offset Voltage Drift
l
10
μV/°C
VOUTCMR (Note 9)
Output Signal Common Mode Range
(Voltage Range for the VOCM Pin)
VOCM Driven Externally, VS = 3V
VOCM Driven Externally, VS = 5V
VOCM Driven Externally, VS = 10V
l
l
l
0.5
0.5
0.5
2.5
4.5
9.5
V
V
V
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6363IDCB#TRMPBF
LTC6363IDCB#TRPBF
LGVG
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6363HDCB#TRMPBF
LTC6363HDCB#TRPBF
LGVG
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6363IRD#PBF
LTC6363IRD#TRPBF
LHJW
16-Lead (3mm × 3mm) Plastic LFCSP –40°C to 85°C
LTC6363HRD#PBF
LTC6363HRD#TRPBF
LHJW
16-Lead (3mm × 3mm) Plastic LFCSP –40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Contact the factory for parts specified with wider operating temperature ranges.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com