Electronic Components Datasheet Search
  English  ▼

X  

PA3526 Datasheet(PDF) 2 Page - Protek Devices

Part # PA3526
Description  Dual USB Power Control Switch with Over-Current/Voltage Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3526 Datasheet(HTML) 2 Page - Protek Devices

  PA3526 Datasheet HTML 1Page - Protek Devices PA3526 Datasheet HTML 2Page - Protek Devices PA3526 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dual USB Power Control Switch with
Over-Current/Voltage Protection
PA3526
2929 S. Fair Lane, Tempe, AZ 85282
Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekanalog.com
Current sense (CS)
A sense FET monitors the current supplied to the load. When an overload or short circuit is encountered, the current-sense circuitry sends a
control signal to the driver. The driver in turn reduces the gate voltage and sends the power FET into its saturation region,
which switches the output into a constant current mode.
Under-voltage lockout
UVLO (under-voltage lockout) prevents the output MOSFET from turning on until VIN exceeds approximately 2.3V. In the under-voltage state,
the FLAG will be low. After the switch turns on, if the voltage drops below approximately 2.1V, UVLO shuts off the output MOSFET and
signals fault flag. Under-voltage detection functions only when at least one switch is enabled.
Operating Ratings (Note 2)
Parameter
PA3526
Absolute Maximum Ratings (Note1)
Parameter
Maximum
Units
Supply Voltage (VIN)
2.7V to 5.5V
Ambient Operating Temperature (TA)
-40
0C to +850C
Supply Voltage (VIN)
6
Fault Flag Voltage (VFLG)
6
V
Fault Flag Current (IFLG)
50
mA
Output Voltage (VOUT)
6
V
Output Current (IOUT)
Internally Limited
A
Control input (VEN)
-0.3 to 12
V
0C
Storage Temperature (TS)
-65 to 150
Electrical Characteristics
TА = 25oC, VIN = +5V; unless noted
Parameter
Condition
Min
Typ
Max
Units
Supply Current
Enable Input Threshold
Note 3, switch off, OUT = open,
0.5
1
Note 3, all switches on, OUT = open,
120
200
Low-to-high transition
2.1
2.4
High-to-low transition, Note 3
0.8
1.9
µA
V
Enable Input Current
VEN= 0V ⎟ 5.5V
-0.5
±0.01
0.5
µA
Enable Input Capacitance
1
pF
VIN= 5V, IOUT=500mA , each switch
100
140
VIN= 2,7V, IOUT=500mA , each switch
140
180
Switch Resistance
m
Output Turn-On Delay
RL=10Ω, each output
0.5
ms
Output Turn-On Rise Time
RL=10Ω, each output
1
ms
Output Turn off Delay
RL=10Ω, each output
1
20
µS
Output Turn off Fall Time
RL=10Ω, each output
1
20
µS
Output Leakage Current
each output (output disabled)
10
µA
Continuous Load Current
each output
0.5
A
each output (enable into load) VOUT=4.0V
0.5
1.2
1.9
each output (enable into load) VOUT=0.1V
1
1.5
Short-Circuit Current Limit
A
Current-Limit Threshold
Ramped load applied to enabled output, VOUT < 4.0 V
1.6
2.2
A
TJ increasing
135
Over temperature Shutdown
°C
Threshold
TJ decreasing
125
VIN=5,0V, IL=10mÀ
10
25
VIN=3,3V, IL=10mÀ
11
35
VIN=2,7V, IL=10mÀ
12
40
Error Flag Output Resistance
Ω
Error Flag Off Current
VFLAG=5 V
0.01
1
µA
VIN increasing
2.3
VIN decreasing
2.1
VIN increasing
6.5
VIN decreasing
6.3
UVLO Threshold
OVLO Threshold
V
V
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating
Note 3: Off is
δ 0.8V and on is ε 2.4V for the PA3526-H. Off is ε 2.4V and on is δ 0.8V for the PA3526-L. The enable input has
approximately 200mV of hysteresis.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com