Electronic Components Datasheet Search
  English  ▼

X  

PA3526 Datasheet(PDF) 3 Page - Protek Devices

Part # PA3526
Description  Dual USB Power Control Switch with Over-Current/Voltage Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3526 Datasheet(HTML) 3 Page - Protek Devices

  PA3526 Datasheet HTML 1Page - Protek Devices PA3526 Datasheet HTML 2Page - Protek Devices PA3526 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dual USB Power Control Switch with
Over-Current/Voltage Protection
PA3526
2929 S. Fair Lane, Tempe, AZ 85282
Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekanalog.com
Block Diagram
Pad Location PA3526
8
8
Pad Location Coordinates
N
Pad Name
Pad size
Coordinates, µm
(
∝m x ∝m)
X
Y
1
ENA
136 x 120
323.5
220
2
FLGA
136 x 120
1111.5
237.5
3
FLGB
136 x 120
2187.5
237.5
4
ENB
136 x 120
2975.5
220
5
OUTB
140 x 130
3079
1260.5
5
OUTB
140 x 130
3079
1465.5
5
OUTB
140 x 130
3079
1664
6
GND
140 x 130
3079
1943.5
7
IN
140 x 130
1650
1260.5
7
IN
140 x 130
1650
1462.5
7
IN
140 x 130
1650
1664
8
OUTA
140 x 130
220
1259
8
7
7
7
6
5
5
5
1
2
3
4
Chip size 3.3 x 2.15 mm
8
OUTA
140 x 130
220
1465.5
8
OUTA
140 x 130
220
1664.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com