Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 6 Page - Analog Devices

Part # LT6231
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6231 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT6231 Datasheet HTML 2Page - Analog Devices LT6231 Datasheet HTML 3Page - Analog Devices LT6231 Datasheet HTML 4Page - Analog Devices LT6231 Datasheet HTML 5Page - Analog Devices LT6231 Datasheet HTML 6Page - Analog Devices LT6231 Datasheet HTML 7Page - Analog Devices LT6231 Datasheet HTML 8Page - Analog Devices LT6231 Datasheet HTML 9Page - Analog Devices LT6231 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC6246/LTC6247/LTC6248
6
Rev C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS (VS = 2.7V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current (Note 7)
VCM = Half Supply
l
–450
–600
–100
450
600
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
50
0
350
1000
1500
nA
nA
IOS
Input Offset Current
VCM = Half Supply
l
–250
–350
–10
250
350
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
–250
–350
–10
250
350
nA
nA
en
Input Noise Voltage Density
f = 100kHz
4.6
nV/√Hz
Input 1/f Noise Voltage
f = 0.1Hz to 10Hz
1.7
µVP-P
in
Input Noise Current Density
f = 100kHz
1.8
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
2
0.8
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
32
12
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1k to Half Supply
(Note 12)
l
15
7.5
25
V/mV
V/mV
RL = 100Ω to Half Supply
(Note 12)
l
2
1.3
7.5
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 1.2V
l
80
78
100
dB
dB
ICMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V
VCM = 1V
l
69
65
73
dB
dB
Supply Voltage Range (Note 6)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
20
40
55
mV
mV
ISINK = 5mA
l
80
125
160
mV
mV
ISINK = 10mA
l
110
175
225
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
60
85
100
mV
mV
ISOURCE = 5mA
l
135
190
225
mV
mV
ISOURCE = 10mA
l
180
275
400
mV
mV
ISC
Short Circuit Current
Sourcing
l
–35
–20
–15
mA
mA
Sinking
l
25
20
50
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
0.89
1
1.3
mA
mA
VCM = V+ – 0.5V
l
1
1.3
1.7
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com