Electronic Components Datasheet Search
  English  ▼

X  

LT6005 Datasheet(PDF) 6 Page - Analog Devices

Part # LT6005
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6005 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT6005 Datasheet HTML 2Page - Analog Devices LT6005 Datasheet HTML 3Page - Analog Devices LT6005 Datasheet HTML 4Page - Analog Devices LT6005 Datasheet HTML 5Page - Analog Devices LT6005 Datasheet HTML 6Page - Analog Devices LT6005 Datasheet HTML 7Page - Analog Devices LT6005 Datasheet HTML 8Page - Analog Devices LT6005 Datasheet HTML 9Page - Analog Devices LT6005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2063/LTC2064/LTC2065
6
Rev. C
For more information www.analog.com
Input Offset Voltage vs
Input Common Mode Voltage
Input Offset Voltage vs
Input Common Mode Voltage
Input Offset Voltage vs
Supply Voltage
5 TYPICAL UNITS
VS = 5V
TA = 25°C
VCM (V)
–0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
2063 G07
5 TYPICAL UNITS
VS = 1.8V
TA = 25°C
VCM (V)
–0.5
0
0.5
1
1.5
2
2.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
2063 G08
5 TYPICAL UNITS
VCM = VS/2
TA = 25°C
VS (V)
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2063 G09
Input Offset Voltage Drift
Distribution
Input Offset Voltage Drift
Distribution
Input Offset Voltage Drift
Distribution
233 TYPICAL UNITS
VS = 1.8V
TA = –40°C to 125°C
VOS TC (nV/°C)
0
5 10 15 20 25 30 35 40 45 50
0
10
20
30
40
50
2063 G04
233 TYPICAL UNITS
VS = 5V
TA = –40°C to 85°C
VOS TC (nV/°C)
0
5 10 15 20 25 30 35 40 45 50
0
10
20
30
40
50
60
70
80
90
100
110
120
2063 G05
233 TYPICAL UNITS
VS = 1.8V
TA = –40°C to 85°C
VOS TC (nV/°C)
0
5 10 15 20 25 30 35 40 45 50
0
10
20
30
40
50
60
70
80
90
100
2063 G06
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage Distribution
Input Offset Voltage Distribution
Input Offset Voltage Drift
Distribution
233 TYPICAL UNITS
VS = 5V
VOS (µV)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
10
20
30
40
50
60
2063 G01
233 TYPICAL UNITS
VS = 1.8V
VOS (µV)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
10
20
30
40
50
60
2063 G02
233 TYPICAL UNITS
VS = 5V
TA = –40°C to 125°C
VOS TC (nV/°C)
0
5 10 15 20 25 30 35 40 45 50
0
10
20
30
40
50
60
2063 G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com