Electronic Components Datasheet Search
  English  ▼

X  

LT6005 Datasheet(PDF) 11 Page - Analog Devices

Part # LT6005
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6005 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT6005 Datasheet HTML 7Page - Analog Devices LT6005 Datasheet HTML 8Page - Analog Devices LT6005 Datasheet HTML 9Page - Analog Devices LT6005 Datasheet HTML 10Page - Analog Devices LT6005 Datasheet HTML 11Page - Analog Devices LT6005 Datasheet HTML 12Page - Analog Devices LT6005 Datasheet HTML 13Page - Analog Devices LT6005 Datasheet HTML 14Page - Analog Devices LT6005 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2063/LTC2064/LTC2065
11
Rev. C
For more information www.analog.com
Shutdown Supply Current vs
Supply Voltage
Shutdown Supply Current vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing High
vs Load Current
125°C
85°C
25°C
–40°C
VS (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
100
200
300
400
2063 G44
VS = 5V
VS = 1.8V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
100
150
200
250
300
2063 G45
VS = 5V
ISOURCE (mA)
0.001
0.01
0.1
1
10
100
10µ
100µ
1m
10m
100m
1
10
2063 G46
125°C
85°C
25°C
–40°C
VSHDN = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–80
–70
–60
–50
–40
–30
2063 G43
SHDN Pin Current vs Temperature
No Phase Reversal
Output Voltage Swing High
vs Load Current
ISOURCE (mA)
0.001
0.01
0.1
1
10
100
10µ
100µ
1m
10m
100m
1
10
VS = 1.8V
2063 G47
125°C
85°C
25°C
–40°C
VS = 5V
ISINK (mA)
0.001
0.01
0.1
1
10
100
10µ
100µ
1m
10m
100m
1
10
2063 G48
125°C
85°C
25°C
–40°C
Output Voltage Swing Low
vs Load Current
Output Short Circuit Current
vs Temperature
Output Voltage Swing Low
vs Load Current
VS = 1.8V
ISINK (mA)
0.001
0.01
0.1
1
10
100
10µ
100µ
1m
10m
100m
1
10
2063 G49
125°C
85°C
25°C
–40°C
AV = +1
VS = +5V
VIN = 5.6VP-P
VOUT
VIN
1ms/DIV
–1
0
1
2
3
4
5
6
2063 G50
VS = 5V
SOURCING
SINKING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
60
70
80
90
2063 G51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com