Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 9 Page - Analog Devices

Part # LT6232
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT6232 Datasheet HTML 5Page - Analog Devices LT6232 Datasheet HTML 6Page - Analog Devices LT6232 Datasheet HTML 7Page - Analog Devices LT6232 Datasheet HTML 8Page - Analog Devices LT6232 Datasheet HTML 9Page - Analog Devices LT6232 Datasheet HTML 10Page - Analog Devices LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC6246/LTC6247/LTC6248
9
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Input Bias Current
vs Common Mode Voltage
OUTPUT CURRENT (mA)
–100
2.0
1.5
0.5
–1.0
1.0
0
–0.5
–1.5
–2.0
–75
25
–25
75
624678 G10
100
0
–50
50
25°C
125°C
–55°C
VS = ±2.5V
TIME AFTER POWER-UP (s)
0
5
0
–10
–25
–5
–15
–20
–30
–35
20
100
60
140
624678 G11
160
80
40
120
VS = ±2.5V
TA = 25°C
COMMON MODE VOLTAGE (V)
0
800
600
200
–200
–600
–1200
400
0
–400
–800
–1000
–1400
–1600
1.5
3.5
1
2.5
4.5
624678 G12
5
3
0.5
2
4
25°C
125°C
–55°C
VS = 5V, 0V
Supply Current Per Amplifier
vs SHDN Pin Voltage
SHDN Pin Current
vs SHDN Pin Voltage
Input Noise Voltage and Noise
Current vs Frequency
Input Bias Current vs Temperature
Supply Current
vs Supply Voltage (Per Amplifier)
0.1Hz to 10Hz Voltage Noise
TIME (1s/DIV)
0
1.5
VS = ±2.5V
1.0
0.5
0
0.5
–1.0
–1.5
1
7
3
9
624678 G14
10
4
5
6
2
8
TOTAL SUPPLY VOLTAGE (V)
0
1.20
1.00
0.80
0.60
0.40
0.20
0
1
3
624678 G16
TA = 125°C
TA = 25°C
TA = –55°C
4
5
2
TEMPERATURE (°C)
–55
700
600
300
–100
400
500
0
200
100
–200
35
5
–25
95
624678 G13
125
65
VS = 5V, 0V
VCM = 4.5V
VCM = 2.5V
FREQUENCY (Hz)
1
1000
en, VCM = 4.5V
en, VCM = 2.5V
in, VCM = 2.5V
in, VCM = 4.5V
100
10
1.0
0.1
10
1k
10M
624678 G15
10k 100k 1M
100
SHDN PIN VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
2.5
2
1.5
1
0.5
3.5
624678 G17
5
125°C
VS = 5V, 0V
25°C
–55°C
4 4.5
3
SHDN PIN VOLTAGE (V)
0
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
–2.25
–2.50
2.5
2
1.5
1
0.5
3.5
624678 G18
5
125°C
VS = 5V, 0V
SHUTDOWN CURRENT
25°C
–55°C
4 4.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com