Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 16 Page - Analog Devices

Part # LT6232
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices LT6232 Datasheet HTML 14Page - Analog Devices LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices LT6232 Datasheet HTML 17Page - Analog Devices LT6232 Datasheet HTML 18Page - Analog Devices LT6232 Datasheet HTML 19Page - Analog Devices LT6232 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC6246/LTC6247/LTC6248
16
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2. 5pF Feedback Cancels Parasitic Pole
Feedback Components
When feedback resistors are used to set up gain, care
must be taken to ensure that the pole formed by the
feedback resistors and the parasitic capacitance at the
inverting input does not degrade stability. For example if
the amplifier is set up in a gain of +2 configuration with
gain and feedback resistors of 5k, a parasitic capacitance
of 5pF (device + PC board) at the amplifier’s inverting
input will cause the part to oscillate, due to a pole formed
at 12.7MHz. An additional capacitor of 5pF across the
feedback resistor as shown in Figure 2 will eliminate any
ringing or oscillation. In general, if the resistive feedback
network results in a pole whose frequency lies within the
closed loop bandwidth of the amplifier, a capacitor can be
added in parallel with the feedback resistor to introduce
a zero whose frequency is close to the frequency of the
pole, improving stability.
624678 F02
CPAR
5k
VOUT
VIN
5k
5pF
Power Dissipation
The LTC6246 and LTC6247 contain one and two ampli-
fiers respectively. Hence the maximum on-chip power
dissipation for them will be less than the maximum on-
chip power dissipation for the LTC6248, which contains
four amplifiers.
The LTC6248 is housed in a small 16-lead MS package
and typically has a thermal resistance (θJA) of 125°C/ W. It
is necessary to ensure that the die’s junction temperature
does not exceed 150°C. The junction temperature, TJ, is
calculated from the ambient temperature, TA, power dis-
sipation, PD, and thermal resistance, θJA:
TJ = TA + (PD • θJA)
The power dissipation in the IC is a function of the supply
voltage, output voltage and load resistance. For a given
supply voltage with output connected to ground or supply,
the worst-case power dissipation PD(MAX) occurs when
the supply current is maximum and the output voltage at
half of either supply voltage for a given load resistance.
PD(MAX) is approximately (since IS actually changes with
output load current) given by:
PD(MAX) =(VS •IS(MAX))+
VS
2
⎛
⎝⎜
⎞
⎠⎟
2
/RL
Example: For an LTC6248 in a 16-lead MS package operat-
ing on ±2.5V supplies and driving a 100Ω load to ground,
theworst-casepowerdissipationisapproximatelygivenby
PD(MAX)/Amp = (5 • 1.3mA) + (1.25)2/100 = 22mW
If all four amplifiers are loaded simultaneously then the
total power dissipation is 88mW.
AttheAbsoluteMaximumambientoperatingtemperature,
the junction temperature under these conditions will be:
TJ = TA + PD • 125°C/W
= 125 + (0.088W • 125°C/W) = 136°C
which is less than the absolute maximum junction tem-
perature for the LTC6248 (150°C).
Refer to the Pin Configuration section for thermal resis-
tances of various packages.
Shutdown
The LTC6246 and LTC6247MS have SHDN pins that can
shut down the amplifier to 42µA typical supply current.
The SHDN pin needs to be taken below 0.8V above the
negative supply for the amplifier to shut down. When left
floating, the SHDN pin is internally pulled up to the posi-
tive supply and the amplifier remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com