Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 7 Page - Analog Devices

Part # LT6003
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6003 Datasheet HTML 3Page - Analog Devices LT6003 Datasheet HTML 4Page - Analog Devices LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices LT6003 Datasheet HTML 10Page - Analog Devices LT6003 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC2066/LTC2067/LTC2068
7
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs
Input Common Mode Voltage
Input Bias Current vs
Input Common Mode Voltage
Input Bias Current vs
Supply Voltage
Input Bias Current vs Temperature
6276 TYPICAL UNITS
VS = 5V
TA = 25°C
INPUT BIAS CURRENT (pA)
–20 –16 –12 –8 –4 0
4
8 12 16 20
0
250
500
750
1000
1250
1500
2066 G10
6276 TYPICAL UNITS
VS = 1.8V
TA = 25°C
INPUT BIAS CURRENT (pA)
–10 –8 –6 –4 –2 0
2
4
6
8 10
0
250
500
750
1000
1250
1500
2066 G11
VS = 5V
IB (+IN)
IB (–IN)
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–10
–5
0
5
10
15
20
25
2066 G12
IB (+IN)
IB (–IN)
VS = 5V
TA = 25°C
VCM (V)
–0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–20
–15
–10
–5
0
5
10
15
20
2066 G13
IB (+IN)
IB (–IN)
VS = 1.8V
TA = 25°C
VCM (V)
–0.5
0
0.5
1
1.5
2
2.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2066 G14
VCM = VS/2
TA = 25°C
IB (+IN)
IB (–IN)
VS (V)
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2066 G15
Input Bias Current Distribution
Input Bias Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com