Electronic Components Datasheet Search
  English  ▼

X  

LT6005 Datasheet(PDF) 9 Page - Analog Devices

Part # LT6005
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6005 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT6005 Datasheet HTML 5Page - Analog Devices LT6005 Datasheet HTML 6Page - Analog Devices LT6005 Datasheet HTML 7Page - Analog Devices LT6005 Datasheet HTML 8Page - Analog Devices LT6005 Datasheet HTML 9Page - Analog Devices LT6005 Datasheet HTML 10Page - Analog Devices LT6005 Datasheet HTML 11Page - Analog Devices LT6005 Datasheet HTML 12Page - Analog Devices LT6005 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC2066/LTC2067/LTC2068
9
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Open Loop Gain and Phase
vs Frequency
Open Loop Gain and Phase
vs Frequency
LTC2068 Crosstalk vs Frequency
VS = 5V
RL = 499kΩ
PHASE
GAIN
CL = 0pF
CL = 47pF
CL = 100pF
FREQUENCY (Hz)
1m 10m100m 1 10 100 1k 10k 100k 1M 10M
–60
–40
–20
0
20
40
60
80
100
120
140
–450
–405
–360
–315
–270
–225
–180
–135
–90
–45
0
2066 G25
V
S
= 1.8V
RL = 499kΩ
PHASE
GAIN
CL = 0pF
CL = 47pF
CL = 100pF
FREQUENCY (Hz)
1m 10m100m 1 10 100 1k 10k 100k 1M 10M
–60
–40
–20
0
20
40
60
80
100
120
140
–270
–240
–210
–180
–150
–120
–90
–60
–30
0
2066 G26
RL = 10k
ADJACENT CHANNELS
DIAGONAL CHANNELS
FREQUENCY (Hz)
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
2066 G28
Shutdown Transient with
Sinusoidal Input
Shutdown Transient with
Sinusoidal Input
Enable Transient with
Sinusoidal Input
Enable Transient with
Sinusoidal Input
VS = ±2.5V
AV = +1
400µs/DIV
VSHDN
5V/DIV
VOUT, VIN
0.1V/DIV
IS
5µA/DIV
2066 G29
VS = ±0.9V
AV = +1
400µs/DIV
VSHDN
2V/DIV
VOUT, VIN
0.1V/DIV
IS
5µA/DIV
2066 G31
VS = ±2.5V
AV = +1
400µs/DIV
VSHDN
5V/DIV
VOUT, VIN
1V/DIV
IS
5µA/DIV
2066 G32
VS = ±0.9V
AV = +1
400µs/DIV
VSHDN
2V/DIV
VOUT, VIN
0.2V/DIV
IS
5µA/DIV
2066 G33
Open Loop Gain vs Load
VS = 5V
RLOAD (kΩ)
1
10
100
500
120
125
130
135
140
145
150
2066 G30
LTC2067 Crosstalk vs Frequency
RL = 10k
B to A
A to B
FREQUENCY (Hz)
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
2066 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com