Electronic Components Datasheet Search
  English  ▼

X  

LT6005 Datasheet(PDF) 10 Page - Analog Devices

Part # LT6005
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6005 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT6005 Datasheet HTML 6Page - Analog Devices LT6005 Datasheet HTML 7Page - Analog Devices LT6005 Datasheet HTML 8Page - Analog Devices LT6005 Datasheet HTML 9Page - Analog Devices LT6005 Datasheet HTML 10Page - Analog Devices LT6005 Datasheet HTML 11Page - Analog Devices LT6005 Datasheet HTML 12Page - Analog Devices LT6005 Datasheet HTML 13Page - Analog Devices LT6005 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC2066/LTC2067/LTC2068
10
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Closed Loop Output Impedance
vs Frequency
Output Impedance in Shutdown
vs Frequency
VS = 5V
AV = +1
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
10k
100k
1M
2066 G34
VS = 5V
AV = +1
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
1k
10k
100k
1M
10M
100M
1G
2066 G35
Maximum Undistorted Output
Amplitude vs Frequency
Supply Current vs Supply Voltage
Supply Current vs Temperature
THD vs Frequency
AV = +1
VS = ±2.5V
VOUT = ±2V
RL = 10k
RL = 499k
FREQUENCY (Hz)
20
100
1k
2k
–120
–100
–80
–60
–40
–20
2066 G36
AV = +1
VS = ±2.5V
THD < –40dB
RL = 499k
FREQUENCY (Hz)
100
1k
10k
0
1
2
3
4
5
6
2066 G37
VS (V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0
2.5
5.0
7.5
10.0
12.5
2066 G38
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
6
7
8
9
10
11
12
2066 G39
VS = 1.8V
VS = 5V
Supply Current vs SHDN Pin
Voltage
Supply Current vs SHDN Pin
Voltage
VS = 5V
SHDN PIN VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
10
20
30
40
50
60
70
80
2066 G40
125°C
85°C
25°C
–40°C
VS = 1.8V
SHDN PIN VOLTAGE (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
2
4
6
8
10
12
14
16
2066 G41
125°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com