Electronic Components Datasheet Search
  English  ▼

X  

PL2211 Datasheet(PDF) 6 Page - Power IC Ltd.

Part # PL2211
Description  300mA Low Noise Dual LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 6 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
resistance through the PC board, copper traces, and other
materials to the surrounding air.
The GND pin of the PL2211 performs the dual function
of providing an electrical connection to ground and
channeling heat away. Connect the GND pin to ground
using a large pad or ground plane.
Noise Reduction
For the PL2211, an external 0.01
µF bypass capacitor
between BYP and GND with innovative noise bypass
scheme reduces output noises dramatically, exhibiting
100
µVrms of output voltage noise with Cbyp = 0.01µF
and Cout = 1
µF.
APPLICATION INFORMATION
Capacitor Selection and Regulator Stability
Use a 1
µF capacitor on the PL2211 input and a 1µF
capacitor on the output. Large input capacitor values and
lower ESRs provide better noise rejection and line-
transient response.
Reduce output noise and improve load-transient response,
stability, and power-supply rejection by using large
output capacitors. Note that some ceramic dielectrics
exhibit large capacitance and ESR variation with
temperature. With dielectrics such as Z5U and Y5V, it
may be necessary to use a 1
µF or larger output capacitor
to ensure stability at temperatures below -10
°C. With
X7R or X5R dielectrics, 1
µF is sufficient at all operating
temperatures. A graph of the region of stable Cout ESR
vs. load current is shown in the Typical Characteristics.
Use a 0.01
µF bypass capacitor at BYP for low-output
voltage noise. The leakage current going into the BYP
pin should be less than 10nA.
Noise, PSRR, and Transient Response
The PL2211 are designed to deliver ultra-low noise and
high PSRR, as well as low dropout and low quiescent
currents in battery-powered systems. The PL2211 PSRR
is 70dB at 100Hz and 60dB at 10kHz (see the Power-
Supply Rejection Ratio vs. Frequency graph in the
Typical Characteristic).
When operating from sources other than batteries,
improved supply-noise rejection and transient response
can be achieved by increasing the values of the input and
output bypass capacitors, and through passive filtering
techniques. The Typical Characteristics show the PL2211
line and load transient responses.
Dropout Voltage
A regulator’s minimum dropout voltage determines the
lowest usable supply voltage. In battery-powered systems,
this determines the useful end-of-life battery voltage.
Because the PL2211 use a P-channel MOSFET pass
transistor, their dropout voltage is a function of drain-to-
source on resistance (RDS(on)) multiplied by the load
current (see the Typical Characteristics).
Power IC Ltd.
- 6 -
www.picsemi.com
Version 1.0
Mar 4, 2007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com