Electronic Components Datasheet Search
  English  ▼

X  

PL2211 Datasheet(PDF) 9 Page - Power IC Ltd.

Part # PL2211
Description  300mA Low Noise Dual LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 9 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
DISCLAIMERS
LIFE SUPPORT
Power IC’s products are not designed to be used as components in devices intended to support or sustain human life. Use of
Power IC’s products in components intended for surgical implant into the body, or other applications in which failure of
Power IC’s products could create a situation where personal death or injury may occur, is not authorized without the express
written approval of Power IC’s Chief Executive Officer. Power IC will not be held liable for any damages or claims
resulting from the use of its products in medical applications.
MILITARY
Power IC's products are not designed for use in military applications. Use of Power IC’s products in military applications is
not authorized without the express written approval of Power IC’s Chief Executive Officer. Power IC will not be held liable
for any damages or claims resulting from the use of its products in military applications.
RIGHT TO MAKE CHANGES
Power IC reserves the right to change this document and/or this product without notice. Customers are advised to consult
their Power IC sales representative before ordering.
Power IC Ltd.
- 9 -
www.picsemi.com
Version 1.0
Mar 4, 2007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com