Electronic Components Datasheet Search
  English  ▼

X  

RKT102 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RKT102
Description  關-Chip (RFID)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKT102 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKT102 Datasheet HTML 1Page - Renesas Technology Corp RKT102 Datasheet HTML 2Page - Renesas Technology Corp RKT102 Datasheet HTML 3Page - Renesas Technology Corp RKT102 Datasheet HTML 4Page - Renesas Technology Corp RKT102 Datasheet HTML 5Page - Renesas Technology Corp RKT102 Datasheet HTML 6Page - Renesas Technology Corp RKT102 Datasheet HTML 7Page - Renesas Technology Corp RKT102 Datasheet HTML 8Page - Renesas Technology Corp RKT102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.1.00 Feb 23, 2007 page 1 of 9
RKT102***MH
µ-Chip (RFID)
REJ03P0007-0100
Rev.1.00
Feb 23, 2007
Overview
• RKT102***MH is RFID (Radio Frequency Identification) for 2.45 GHz.
• It has a unique ID inside, then it is applicable for management of individual object.
Feature
• Thin and small package: COA (Chip on Aluminum)
• Including unique µ-Chip ID which is not alterable
• Including a unique ID
• Communication without contact
• Including a congestion control function
Note:
"
µ-Chip" and the µ-Chip Logo are either registered Trademarks or Trademarks of Hitachi,Ltd. in Japan and in
other countries.


Similar Part No. - RKT102

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
RKT-065 KINGTRONICS-RKT-065 Datasheet
329Kb / 2P
RKT-065 TRIMMING POTENTIOMETER
logo
Pro-Power
RKT-1-X-4FT PROPOWER-RKT-1-X-4FT Datasheet
175Kb / 2P
Heat Shrink Tubings RKT Series
V1.0 17/10/23
RKT-1/16-X-4FT PROPOWER-RKT-1/16-X-4FT Datasheet
175Kb / 2P
Heat Shrink Tubings RKT Series
V1.0 17/10/23
RKT-1/2-X-4FT PROPOWER-RKT-1/2-X-4FT Datasheet
175Kb / 2P
Heat Shrink Tubings RKT Series
V1.0 17/10/23
RKT-1/4-X-4FT PROPOWER-RKT-1/4-X-4FT Datasheet
175Kb / 2P
Heat Shrink Tubings RKT Series
V1.0 17/10/23
More results

Similar Description - RKT102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HKT100Y01U RENESAS-HKT100Y01U Datasheet
137Kb / 14P
關-Chip (RFID)
HKT100Y01B RENESAS-HKT100Y01B Datasheet
142Kb / 10P
關-Chip (RFID)
HKT100Y01F RENESAS-HKT100Y01F Datasheet
144Kb / 10P
關-Chip (RFID)
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
Chip RFID Transponder Coils
logo
Abracon Corporation
ACAJ-110-T ABRACON-ACAJ-110-T Datasheet
1Mb / 5P
RFID Chip Antenna
11.20.15
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com