Electronic Components Datasheet Search
  English  ▼

X  

RKT102 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKT102
Description  關-Chip (RFID)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKT102 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKT102 Datasheet HTML 1Page - Renesas Technology Corp RKT102 Datasheet HTML 2Page - Renesas Technology Corp RKT102 Datasheet HTML 3Page - Renesas Technology Corp RKT102 Datasheet HTML 4Page - Renesas Technology Corp RKT102 Datasheet HTML 5Page - Renesas Technology Corp RKT102 Datasheet HTML 6Page - Renesas Technology Corp RKT102 Datasheet HTML 7Page - Renesas Technology Corp RKT102 Datasheet HTML 8Page - Renesas Technology Corp RKT102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RKT102***MH
Rev.1.00 Feb 23, 2007 page 3 of 9
Absolute Maximum Ratings
Specification
Item
Symbol
Min
Typ
Max
Unit
Condition
Remark
Storage temperature
Tstg
–30
—
75
°C
Ambient operation temperature
Ta
0
25
40
°C
No condensation
Received power
Pr
—
—
13.8
dBm
Electrical Characteristics
Measurement conditions:
Unless otherwise specified, Ta = 25
°C, fc = 2.402 to 2.421 GHz, reader power = 200 mW
Single-patch antenna, linearity polarized waves
Period of reading operations: 4 clock cycles, number of read bits: 128 bits
Specification
Item
Min
Typ
Max
Unit
Condition
Remark
Communication distance
6.5
—
23
cm
Note4
Note1
µ-Chip ID Check
—
Passed
—
—
EDC Check
Note2, Note3
Notes: 1. The distance at which the read
µ-Chip ID value matches the indicated value and the EDC check is passed.
2. Verification value calculated from the read
µ-Chip ID value.
3. Detail data of
µ-Chip ID is describe on the commodity specification.
4. Relation between the inlet and antenna positions;
The planes of the metal-foil pattern for the antenna and the antenna itself should be parallel, the center of the
inlet should be on the line that passes through the center of the antenna plane, and the inlet metal-foil
pattern's longer side should be within the antenna's plane of polarization.
Reader Specifications and Type No.: HE-MU-380-SH14
Item
Symbol
Specification
Unit
Remarks
Operation temperature
Ta
25
°C
Carrier frequency
fc
2.402 to 2.421
GHz
Power
Pw
200
mW
Data read cycle
Tfm
4
Clock
Data read bit count
Nb
128
Bits
Congestion control function
—
Action
—
Cable Specifications
Item
Symbol
Specification
Unit
Remarks
Cable material
—
semi-rigid
—
Total length of cable
L
20
cm
Antenna Specifications and Type No.: PA1-2450ASA
Item
Symbol
Specification
Unit
Remarks
Operation temperature
Ta
25
°C
Polarization
—
Linear
—
Number of patches
—
1
pcs
Gain
—
6
dBi



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com