Electronic Components Datasheet Search
  English  ▼

X  

TPS62260DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62260DRVT Datasheet HTML 9Page - Texas Instruments TPS62260DRVT Datasheet HTML 10Page - Texas Instruments TPS62260DRVT Datasheet HTML 11Page - Texas Instruments TPS62260DRVT Datasheet HTML 12Page - Texas Instruments TPS62260DRVT Datasheet HTML 13Page - Texas Instruments TPS62260DRVT Datasheet HTML 14Page - Texas Instruments TPS62260DRVT Datasheet HTML 15Page - Texas Instruments TPS62260DRVT Datasheet HTML 16Page - Texas Instruments TPS62260DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
V
3.6Vto4.2V
500mV/Div
IN
V
=1.8V
50mV/Div
I
=250mA
MODE=GND
OUT
OUT
TimeBase-100 s/Div
m
TimeBase-10 s/Div
m
V
3.6V
V
1.8V,I
10mA
L 2.2 H,C
10 F
IN
OUT
OUT
OUT
m
m
V
20mV/Div
OUT
SW2V/Div
I
200mA/Div
COIL
V
3.6V;V
1.8V,I
10
MODE=GND
IN
OUT
OUT
mA,
L =4.7 H,C
=10 F0603,
m
m
OUT
V
20mV/Div
OUT
I
200mA/Div
COIL
TimeBase-2 ms/Div
SW2V/Div
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
T
=85 C
A
o
T
=-40 C
A
o
EN=GND
T
=25 C
A
o
TPS62260, TPS62261, TPS62262
SLVS763 – JUNE 2007
LINE TRANSIENT (PWM Mode)
TYPICAL OPERATION (PFM Mode)
Figure 27.
Figure 28.
SHUTDOWN CURRENT INTO VIN
vs
TYPICAL OPERATION (PFM Mode)
INPUT VOLTAGE
Figure 29.
Figure 30.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com