Electronic Components Datasheet Search
  English  ▼

X  

TPS62260DRVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62260DRVT Datasheet HTML 17Page - Texas Instruments TPS62260DRVT Datasheet HTML 18Page - Texas Instruments TPS62260DRVT Datasheet HTML 19Page - Texas Instruments TPS62260DRVT Datasheet HTML 20Page - Texas Instruments TPS62260DRVT Datasheet HTML 21Page - Texas Instruments TPS62260DRVT Datasheet HTML 22Page - Texas Instruments TPS62260DRVT Datasheet HTML 23Page - Texas Instruments TPS62260DRVT Datasheet HTML 24Page - Texas Instruments TPS62260DRVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
Input Capacitor Selection
LAYOUT CONSIDERATIONS
TPS62260, TPS62261, TPS62262
SLVS763 – JUNE 2007
An input capacitor is required for best input voltage filtering, and minimizing the interference with other circuits
caused by high input voltage spikes. For most applications, a 4.7
µF to 10µF ceramic capacitor is recommended.
Because ceramic capacitor loses up to 80% of its initial capacitance at 5 V, it is recommended that 10
µF input
capacitors be used for input voltages > 4.5V. The input capacitor can be increased without any limit for better
input voltage filtering. Take care when using only small ceramic input capacitors. When a ceramic capacitor is
used at the input and the power is being supplied through long wires, such as from a wall adapter, a load step at
the output or VIN step on the input can induce ringing at the VIN pin. This ringing can couple to the output and
be mistaken as loop instability or could even damage the part by exceeding the maximum ratings.
Table 2. List of Capacitors
CAPACITANCE
TYPE
SIZE
SUPPLIER
4.7
µF
GRM188R60J475K
0603 1.6x0.8x0.8mm3
Murata
10
µF
GRM188R60J106M69D
0603 1.6x0.8x0.8mm3
Murata
Figure 39. Suggested Layout for Fixed Output Voltage Options
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com