Electronic Components Datasheet Search
  English  ▼

X  

MCP4011 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4011
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4011 Datasheet HTML 24Page - Microchip Technology MCP4011 Datasheet HTML 25Page - Microchip Technology MCP4011 Datasheet HTML 26Page - Microchip Technology MCP4011 Datasheet HTML 27Page - Microchip Technology MCP4011 Datasheet HTML 28Page - Microchip Technology MCP4011 Datasheet HTML 29Page - Microchip Technology MCP4011 Datasheet HTML 30Page - Microchip Technology MCP4011 Datasheet HTML 31Page - Microchip Technology MCP4011 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 28
© 2006 Microchip Technology Inc.
4.2
Power-up
When the device powers up (rising VDD crosses the
Trip Point Voltage (VTP)), the “default” wiper setting is
restored. Table 4-1 shows the default value loaded into
the wiper on POR/BOR.
TABLE 4-1:
DEFAULT POR WIPER
SETTING SELECTION
While VDD < Vmin (1.8V), the electrical performance
may not meet the data sheet specifications (see
Figure 4-2). The wiper state may be unknown. Also, the
device may be capable of incrementing or decrement-
ing, if a valid command is detected on the CS and U/D
pins.
4.3
Brown Out
If the device VDD is below the specified minimum
voltage, care must be taken to ensure that the CS and
U/D pins do not “create” any of the serial commands.
When the device VDD drops below VMIN (1.8V), the
electrical performance may not meet the data sheet
specifications (see Figure 4-2). The wiper state may be
unknown. Also, the device may be capable of
incrementing or decrementing, if a valid command is
detected on the CS and U/D pins.
When the device voltage rises from below the power-
up trip point (VTP) into the valid operation voltage
range, the wiper state will be forced to the default POR
wiper setting (see Table 4-1).
4.4
Serial Interface Inactive
The serial interface is inactive any time the CS pin is at
VIH and all write cycles are completed.
FIGURE 4-2:
Power-up and Brown-out.
Package
Code
Default
POR
Wiper
Setting
Wiper
Code
Typical
RAB Value
-202
Mid-scale
1Fh
2.1 k
Ω
-502
Mid-scale
1Fh
5.0 k
Ω
-103
Mid-scale
1Fh
10.0 k
Ω
-503
Mid-scale
1Fh
50.0 k
Ω
VTP
VSS
VDD
1.8V
POR Trip Point (on Rising VDD)
Outside Device Operation
Wiper Forced to Default POR Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com