Electronic Components Datasheet Search
  English  ▼

X  

MCP4011 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4011
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4011 Datasheet HTML 6Page - Microchip Technology MCP4011 Datasheet HTML 7Page - Microchip Technology MCP4011 Datasheet HTML 8Page - Microchip Technology MCP4011 Datasheet HTML 9Page - Microchip Technology MCP4011 Datasheet HTML 10Page - Microchip Technology MCP4011 Datasheet HTML 11Page - Microchip Technology MCP4011 Datasheet HTML 12Page - Microchip Technology MCP4011 Datasheet HTML 13Page - Microchip Technology MCP4011 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 10
© 2006 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—70
—
°C/W
Thermal Resistance, 6L-SOT-23
θJA
—120
—
°C/W
Thermal Resistance, 8L-DFN (2x3)
θJA
—85
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—206
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com