Electronic Components Datasheet Search
  English  ▼

X  

2SA2192 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA2192
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2192 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA2192 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2192
No. A0307-1/4
Applications
•
Relay drivers, lamp drivers, motor drivers.
Features
•
Adoption of MBIT process.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--50
V
Collector-to-Emitter Voltage
VCES
--50
V
Collector-to-Emitter Voltage
VCEO
--50
V
Emitter-to-Base Voltage
VEBO
--8
V
Collector Current
IC
--10
A
Collector Current (Pulse)
ICP
PW
≤100µs
--13
A
Base Current
IB
--2
A
Collector Dissipation
PC
0.95
W
Tc=25
°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--40V, IE=0A
--10
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--10
µA
DC Current Gain
hFE
VCE=--2V, IC=--1A
200
560
Gain-Bandwidth Product
fT
VCE=--5V, IC=--1A
130
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
90
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--5A, IB=--250mA
--290
--580
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=--5A, IB=--250mA
--0.93
--1.4
V
Continued on next page.
Ordering number : ENA0307
71206 / 42506EA MS IM TB-00002245
2SA2192
PNP Epitaxial Planar Silicon Transistor
High-Current Switching Applications
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - 2SA2192

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2190 TOSHIBA-2SA2190 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Isahaya Electronics Cor...
2SA2193 ISAHAYA-2SA2193 Datasheet
55Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Sanyo Semicon Device
2SA2196 SANYO-2SA2196 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2197 SANYO-2SA2197 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
2SA2197 ONSEMI-2SA2197 Datasheet
107Kb / 5P
DC / DC Converter Applications
Jan-2011, Rev. 0
More results

Similar Description - 2SA2192

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3146 SANYO-CPH3146 Datasheet
40Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2222SG SANYO-2SA2222SG Datasheet
303Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com