Electronic Components Datasheet Search
  English  ▼

X  

2SA2192 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2192
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2192 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2192 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2192 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2192
No. A0307-3/4
Ta=75
°C
--25
°C
IT10714
IC / IB=20
25°C
--0.01
7
2
3
2
--0.001
5
--0.1
7
2
3
5
--0.01
3
25
--0.1
72
3
5
--1.0
72
3
25
--10
7
--1.0
7
3
5
Ta=75
°C
--25
°C
IT10715
IC / IB=50
25°C
--0.1
7
2
3
2
--0.01
5
--1.0
7
2
3
5
--0.01
3
25
--0.1
72
3
5
--1.0
72
3
25
--10
7
--10
7
3
5
IT10712
100
7
2
3
2
10
5
1000
7
3
5
--0.01
3
25
--0.1
72
3
5
--1.0
72
3
25
--10
7
VCE= --5V
--0.1
--1.0
23
5
7
2
--10
35
7
2
35
7
5
3
7
2
100
5
3
7
2
1000
10
IT10713
f=1MHz
--0.1
--0.01
7
5
3
27
5
3
27
5
3
2
--1.0
--10
--1.0
--0.1
2
3
5
7
--10
2
3
5
7
IT10716
IC / IB=50
Ta= --25°C
25°C
75°C
--0.1
23
5
7 --1.0
23
5
7
23
5
7
--10
IT10717
--0.1
--1.0
2
2
--0.01
IC= --10A
ICP= --13A (PW≤100µs)
100ms
--10
3
5
7
2
3
5
7
2
3
5
7
3
IT10718
1.0
0.2
0
20
0
0.4
0.6
0.8
0.9
0.95
0.1
0.3
0.5
0.7
40
60
80
100
120
140
160
10
µs
Cob -- VCB
VBE(sat) -- IC
VCE(sat) -- IC
fT -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
No
heat
sink
Collector-to-Emitter Voltage, VCE -- V
Tc=25
°C
Single pulse
hFE -- IC
Collector Current, IC -- A
Ta=75
°C
25
°C
--25
°C
100
7
2
3
2
10
5
1000
7
3
5
--0.01
3
25
--0.1
72
3
5
--1.0
72
VCE= --2V
IT10711
3
25
--10
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com