Electronic Components Datasheet Search
  English  ▼

X  

SCT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SCT
Description  Humidity and Temperature Wall Mount Transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SCT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SCT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
sensing.honeywell.com
Humidity and Temperature Wall Mount Transducers,
SCT Series
Honeywell Humidity and Temperature Wall Mount Transducers, SCT Series, are an ideal environmental solution for indoor
applications such as building automation and HVAC systems in residential and office buildings. The SCT Series utilizes
Honeywell HumidIcon™ humidity/temperature sensors to accurately and reliably sense humidity and temperature in the area
to enhance user comfort.
The SCT Series offers a variety of options and features. The transducers can be equipped with or without a legible LCD
display that shows the ambient temperature along with the relative humidity or dew point. The stylish cover trim is available in
either silver or gold.
Standard output of humidity and temperature is either 4 mA to 20 mA or 0 V to 10 V. The temperature output signal may also
be configured with an NTC 10 kOhm, 20 kOhm or PT1000 sensor.
INDUSTRY-STANDARD ACCURACY • STABILITY • RELIABILITY
Potential Applications
INDUSTRIAL
Climate monitoring and control for:
•
Residential and office buildings
•
Production and manufacturing plants
•
Storerooms
•
Equipment cabinets
•
Testing environments
Features
•
Enhanced accuracy:
-
±4 %RH (10 %RH to 90 %RH at 25 °C),
±5 %RH (10 %RH to 90 %RH at 5 °C to 50 °C)
-
Enables the customer to potentially reduce/eliminate
transmitter recalibration cost and supports and optimizes
system accuracy and uptime
•
Long-term stability:
-
Humidity: ±0.05 %RH typ. and ±1.2 %RH max. drift over
five years
-
True temperature-compensated humidity element
enables customers to potentially reduce/eliminate the
transmitter recalibration cost with enhanced stability over
next best alternatives
•
Enhanced reliability: The humidity sensor element’s multilayer
construction provides resistance to most application
hazards such as dust, dirt, condensation, oils and common
environmental chemicals, enhancing reliability
•
Standard humidity output: 4 mA to 20 mA or 0 V to 10 V
•
Cost-effective
•
Choice of cover trim color (silver or gold)
•
Full 0 %RH to 100 %RH measurement range
•
Available with or without LCD display



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com